Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q563 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
7. PLAY command
command
0
1
0
0
C1
C0
F9
F8
1st byte
F7
F6
F5
F4
F3
F2
F1
F0
2nd byte
The PLAY command is used to start playback with phrase specified.
This command can be input when the
NCR signal on the target channel is at a “H” level.
Since it is possible to specify a playback phrase (F9–F0) at the time of creating a ROM that stores voice data,
specify the phrase that was specified when the ROM was created.
The figure below shows the timing of phrase (F9–F0 = 01H) playback.
CSB
SCK
SI
NCR
BUSYB
SPM
1/2VDD
SPP
1/2VDD
CBUSYB
(internal)
(internal)
PLAY command
1st byte
PLAY command
2nd byte
Status
Command is being processed
Playing
Awaiting command
Address is being
controlled
Awaiting command
Awaiting command
When the 1
st byte of the PLAY command is input, the device enters a state awaiting input of the 2nd byte of the
PLAY command after a lapse of command processing time.
When the 2
nd byte of PLAY command is input,
after a lapse of command processing time, the device starts reading from the ROM the address information of the
phrase to be played.
Thereafter, playback operation starts, the playback is performed up to the specified ROM
address, and then the playback terminates automatically.
The NCR signal is at a “L” level during address control, and goes “H” when the address control is finished and
playback starts.
When the NCR signal on the target channel goes “H”, it is possible to input the PLAY
command for the next playback phrase.
During address control, the BUSYB signal is at a “L” level during playback and goes “H” when playback is
finished.
Whether the playback is going on can be known by the BUSYB signal.
Channel settings
C1
C0
Channel
0
0
Channel 0
0
1
Channel 1
1
0
Channel 2
1
1
Channel 3
38/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com