Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q563 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML22Q563 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
The table below summarizes the differences between the exsisting speech synthesis LSIs (ML225XG and
ML224XXG) and the ML22Q573/ML2257X.
Item
ML225XG
ML224XXG
ML22Q573
ML2257X
CPU interface
Parallel/Serial
Serial/I2C
Serial
←
ROM type
MASK
External
FLASH
MASK
ROM capacity
3/4/6 Mbits
Maximum capacity
that can be
connected: 128
Mbits
4 Mbits
2/4 Mbits
Playback method
2-bit ADPCM2
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
4-bit ADPCM2
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
HQ-ADPCM
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
HQ-ADPCM
8-bit straight PCM
8-bit non-linear PCM
16-bit straight PCM
Maximum number of
phrases
256
1024
←
←
Sampling frequency
(kHz)
4.0/5.3/6.4/8.0/
10.7/12.0/12.8/
16.0/21.3/24.0/
25.6/32.0/48.0
←
6.4/8.0/12.0/
12.8/16.0/24.0/
25.6/32.0/48.0
←
Clock frequency
4.096 MHz (has a
crystal oscillator
circuit built-in)
←
←
←
D/A converter
14-bit voltage-type
16-bit voltage-type
←
←
Low-pass filter
FIR interpolation
filter
FIR interpolation
filter
(SRC)
FIR interpolation
filter
(High-pass
interpolation)
←
Speaker driving
amplifier
No
Built-in
0.7 W
(8
Ω, DVDD = 5 V)
Built-in
1.0 W
(8
Ω, DVDD = 5 V)
←
Simultaneous sound
production function
(mixing function)
2-channel
4-channel
←
←
Edit ROM
Yes
←
←
←
Volume control
29 levels
32 levels
←
←
Silence insertion
20 to 1024 ms
(4 ms steps)
←
←
←
Repeat function
Yes
←
←
←
External analog
input
No
Yes
←
←
External speech
data input
Yes
No
←
←
Interval at which a
seam is silent during
continuous playback
No
←
←
←
Power supply
voltage
2.7 V to 5.5 V
←
←
←
Ambient
temperature
−40°C to +105°C
−40°C to +85°C
−40°C to +105°C
←
Package
44-pin QFP
30-pin SSOP
←
←
2/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com