Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q563 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ML22Q563
Description  4-Channel Mixing Speech Synthesis LSI
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ML22Q563 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22Q563 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
FEDL2257X-05
ML22Q573/ML2257X
When putting the line amplifier into the power down state (without pop noise suppression) and putting the
speaker amplifier into the power down state
Setting values: PUP bit = “0”, DAEN and SPEN bits = “1”
→ “0”
VO H
VOL
CSB
SCK
SI
NCR
(internal)
BUSYB
(internal)
VO H
VOL
LINE output
SPM
SPP
VO H
VOL
CBUSYB
tCB1
tPDA1
GND
1V
GND
1/2VDD
Hi-Z
1/2VDD
Status
Command is being
processed
Awaiting command
Awaiting command
Command is being
processed
Awaiting command
AMODE command
1st byte
AMODE command
2nd byte
When putting the line amplifier into the power down state (with pop noise suppression)
Setting values: POP bit = “1”, DAEN bit = “1”
→ “0” (SPEN bit = “0”)
VOH
VOL
CSB
SCK
SI
NCR
BUSYB VOH
VOL
SPP
VOH
VOL
CBUSYB
tCB1
tPDA2
GND
1V
(internal)
(internal)
(LINE output)
AMODE command
1st byte
AMODE command
2nd byte
Status
Command is being
processed
Awai ting command
Awaiting command
Awaiting command
Command is being
processed
POP noise suppressed
32/66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com