Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q461 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ML610Q461 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 15Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
PIN
No.
PAD
No.
Primary function
Secondary function or Tertiary function
Pin name
I/O
Function
Secondary
/Tertiary
Pin name
I/O
Function
1
1
P40
I/O
Input/output port
Secondary
Tertiary
SIN0
I
SSIO0 data input
2
2
P41
I/O
Input/output port
Secondary
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
3
3
P42
I/O
Input/output port
Secondary
RXD0
I
UART data input
Tertiary
SOUT0
O
SSIO0 data output
4
4
P43
I/O
Input/output port
Secondary
TXD0
O
UART data output
Tertiary
PWM0
O
PWM0 output
5
5
P44/
T02P0CK
I/O
Input/output port,
Timer 0/Timer 2/PWM0 external
clock input
Secondary
IN1
I
RC type ADC1 oscillation input
pin
Tertiary
SIN0
I
SSIO0 data input
6
6
P45/T13CK
I/O
Input/output port,
Timer 1/Timer 3 external clock
input
Secondary
CS1
O
RC type ADC1 reference
capacitor connection pin
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
7
7
P46
I/O
Input/output port
Secondary
RS1
O
RC type ADC1 reference
resistor connection pin
Tertiary
SOUT0
O
SSIO0 data output
8
8
P47
I/O
Input/output port
Secondary
RT1
O
RC type ADC1 measurement
resistor sensor connection pin
13/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com