Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q461 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML610Q461 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
DC CHARACTERISTICS (2/5)
(VDD = 1.25 to 3.6V, VSS = 0V, Ta = −20 to +70°C, Ta = −40 to +85°C for P version, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
VDDL voltage
VDDL
fOP = 30k to 625kHz
1.1
1.2
1.3
1
fOP = 30k to 2.5MHz
1.35
1.5
1.65
VDDL temperature
deviation *
1
∆V
DDL
VDD = 3.0V
-1
mV/
°C
VDDL voltage
dependency *
1
∆V
DDL
5
20
mV/V
*
1:V
DDL can not exceed VDD level. The maximum VDDL becomes VDD level when the VDDL calculated by the temperature deviation
and voltage dependency is going to exceed the VDD level.
21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com