Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q461 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML610Q461 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
• Timers
− 8 bits × 4 channels (Timer0-3: 16-bit x 2 configuration available by using Timer0-1 or Timer2-3)
− Clock frequency measurement mode (in one channel of 16-bit configuration using Timer2-3)
• Capture
− Time base capture × 2 channels (4096 Hz to 32 Hz)
• PWM
− Resolution 16 bits × 1 channel
• Synchronous serial port
− Master/slave selectable × 1 channel
− LSB first/MSB first selectable
− 8-bit length/16-bit length selectable
• UART
− Half-Duplex Communication
− TXD/RXD × 1 channel
− Bit length, parity/no parity, odd parity/even parity, 1 stop bit/2 stop bits
− Positive logic/negative logic selectable
− Built-in baud rate generator
• RC oscillation type A/D converter
− 16-bit counter
− Time division × 2 channels
• General-purpose ports
− Input-only port × 5 channels (including secondary functions)
− Output-only port
ML610Q461 : 10 channels (including secondary functions)
ML610Q462 : 6 channels (including secondary functions)
ML610Q463 : 2 channels (including secondary functions)
− Input/output port × 14 channels (including secondary functions)
• LCD driver
− The number of segments
ML610Q461 : 64 dots max. (16seg
×4com)
ML610Q462 : 80 dots max. (20seg
×4com)
ML610Q463 : 96 dots max. (24seg
×4com)
− 1/1 to 1/4 duty
− 1/2, 1/3 bias (built-in bias generation circuit)
− Frame frequency selecable: approx. 64Hz, 73Hz, 85Hz, and 102Hz
− Bias voltage multiplying clock selectable (8 types)
− LCD drive stop mode, LCD display mode, all LCDs on mode, and all LCDs off mode selectable
• Reset
− Reset through the RESET_N pin
− Power-on reset generation when powered on
− Reset when oscillation stop of the low-speed clock is detected
− Reset by the watchdog timer (WDT) overflow
• Clock
− Low-speed clock: Crystal oscillation (32.768 kHz)
(This LSI can not guarantee the operation withoug low-speed crystal oscillation clock)
− High-speed clock: Built-in RC oscillation (500 kHz, 2MHz)
2/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com