Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML610Q461 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610Q461
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q461 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610Q461 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q461 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FEDL610Q461-01
ML610Q461/ML610Q462/ML610Q463
ML610Q462 Chip Pin Layout & Dimension
VPP
64
17
C1
18
C2
19
VL1
20
VL2
21
VL3
22
COM0
23
COM1
24
COM2
25
COM3
26
SEG8
27
SEG9
28
SEG10
29
SEG11
30
SEG12
31
SEG13
32
SEG14
P35
63
P33
62
P32
61
P34
60
P31
59
P30
58
P04
57
P03
56
P02
55
P01
54
P00
53
P21
52
P20
51
VSS
50
P60
49
2.1 mm
X
Y
Note: The assignment of the pads P30 to P35 are not in order.
Chip size: 2.10 mm × 2.00 mm
PAD count: 64 pins
Minimum PAD pitch: 80
µm
PAD aperture: 70
µm×70µm
Chip thickness: 350
µm
Voltage of the rear side of chip: VSS level.
Figure 6 ML610Q462 Chip Layout & Dimension
9/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com