Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPDF-320 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPDF-320
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-320 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPDF-320 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. B
PSPDF-320 Series
Up to 321.6 Watts
Single Output, PFC Function
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 5
SPECIFICATIONS: PSPDF-320 SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
AC input voltage range
88
264
VAC
Input Voltage Range
DC input voltage range
124
370
VDC
At 115VAC and cold start
30
Inrush Current
At 230VAC and cold start
50
A
Input Frequency
47
63
Hz
At 115VAC
0.98
Power Factor
At 230VAC
0.95
VAC
AC Current
4.0
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
3.3V, 4V, 5V, & 7.5V output models
-2.0
+2.0
Voltage Accuracy
12V, 24V 28V, 36V, & 48V output models
-1.0
+1.0
%
Voltage Adjustment Range
See Table
3.3V, 4V, 5V, & 7.5V output models
-0.5
+0.5
12V output model
-0.3
+0.3
Line Regulation
24V, 28V, 36V, & 48V output models
-0.2
+0.2
%
3.3V, 4V, 5V, & 7.5V output models
-1.0
+1.0
Load Regulation
12V, 24V 28V, 36V, & 48V output models
-0.5
+0.5
%
Output Current
See Table
Output Power
See Table
Ripple & Noise (See Note 1)
See Table
At 115VAC and Full load
2.5
Set-up Time
At 230VAC and Full load
1.2
s
3.3V, 4V, & 5V output models
14
Hold-up Time
7.5V, 12V, 24V, 28V, 36V, 48V output models
At 230VAC and full load
16
ms
Overshoot
5.0
%
Temperature Coefficient
-0.03
+0.03
%/°C
PROTECTION
Over Load Protection
Hiccup mode, automatic recovery
105
135
% Io
Over Voltage Protection
Hiccup mode, automatic recovery
110
150
% Vo
Short Circuit Protection
Long-term mode, automatic recovery
Over Temperature Protection
85°C±5°C (detect on heatsink of power transistor); shutdown, automatic recovery after the temperature goes down
GENERAL SPECIFICATIONS
Efficiency
See Table
Primary to Secondary
3000
Primary to PG
1500
Withstand Voltage
Secondary to PG
≤ 10mA
500
VAC
Isolation resistance
100
MΩ
Input to Output
0.1
Leakage Current
Input to PG
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
-20
+65
°C
Operating Humidity
non-condensing
20
90
% RH
Storage Temperature
-40
+85
°C
Storage Humidity
non-condensing
10
95
% RH
Cooling Method
Forced air cooling (Built-in fan)
MTBF
At 25°C and full load
300,000
hours
PHYSICAL SPECIFICATIONS
Weight
Approx. 2.56 lbs (1160g)
Dimensions (L x W x H)
8.92 x 4.53 x 1.97 inches
(226.5 x 115 x 50 mm)
SAFETY & EMC CHARACTERISTICS (See Note 2)
Safety Standards
UL60950-1; EN60950-1: 2006
EMI Conduction and Radiation
Compliance to EN55022 (CISPR22) Class B
Harmonic Current
Compliance to EN61000-3-2, 17625.1-2003
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, light industry level, criteria A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com