Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPDF-320 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # PSPDF-320
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-320 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  PSPDF-320 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev. B
PSPDF-320 Series
Up to 321.6 Watts
Single Output, PFC Function
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 5
MECHANICAL DRAWING
4-M4.0
6-M4.0
5.91 (150.0)
1.28 (32.5)
8.92 (226.5)
5.91 (150.0)
1.26 (32.0)
Terminal Block
M3.5 Screws 9X
Unit: inches (mm)
customer plate
SMPS Cover
Assembly Screw
L ≤ 4mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com