Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPDF-320 Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSPDF-320
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-320 Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSPDF-320 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev. B
PSPDF-320 Series
Up to 321.6 Watts
Single Output, PFC Function
AC/DC Switching Power Supply
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 5
MODEL SELECTION TABLE
Ripple & Noise
(1)
Efficiency
Model Number
Input Voltage
Output
Voltage
Voltage
Adjustment
Output
Current
-20°C
0-65°C
Output
Power
115VAC 230VAC
PSPDF-320-3.3
3.3 VDC
3.1~3.6V
60A
180mVp-p
150mVp-p
198W
72%
77%
PSPDF-320-4
4 VDC
3.7~4.3V
60A
180mVp-p
150mVp-p
240W
73%
78%
PSPDF-320-5
5 VDC
4.4~5.3V
60A
180mVp-p
150mVp-p
300W
73%
79%
PSPDF-320-7.5
7.5 VDC
6.6~8.4V
40A
180mVp-p
150mVp-p
300W
77%
83%
PSPDF-320-12
12 VDC
10.5~13.3V
25A
180mVp-p
150mVp-p
300W
78%
86%
PSPDF-320-24
24 VDC
19.7~26.4V
13A
180mVp-p
150mVp-p
312W
79%
87%
PSPDF-320-28
28 VDC
25.7~30.4V
11A
180mVp-p
150mVp-p
308W
79%
87%
PSPDF-320-36
36 VDC
33.2~38.4V
8.8A
200mVp-p
200mVp-p
316.8W
80%
87%
PSPDF-320-48
88~264 VAC
or
120~370 VDC
48 VDC
41.5~53.1V
6.7A
240mVp-p
240mVp-p
321.6W
81%
88%
NOTES
1. Ripple & noise is measured at 20MHz bandwidth by using a 12" twisted pair-wire terminated with 0.1μF and 47μF
capacitors in parallel.
2. The SPS is considered a component which will be installed into final equipment. The final equipment must be
re-confirmed that it still meets EMC directives.
BLOCK DIAGRAM
I/P
+V
-V
FAN SPEED
CONTROL
FAN
EMI
FILTER
ACTIVE INRUSH
CURRENT LIMITING
RECTIFIERS
POWER
SWITCHING
RECTIFIERS
& FILTER
DETECTION
CIRCUIT
O.L.P.
PFC&PWM
CONTROL
O.V.P.
FG
O.L.P.
DERATING CURVE
STATIC CHARACTERISTICS
3.3V, 5V
Others
100
80
60
40
20
-20
0
10
20
30
40
50
60
70 (HORIZONTAL)
AMBIENT TEMPERATURE (°C)
88
90
95 100 115 135 155 175 195
230 264
INPUT VOLTAGE (VAC) 60Hz
100
90
80
70
60
40
20
Ta=25°C
300
250
200
150
100
50
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com