Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSPDF-320 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSPDF-320
Description  AC/DC Switching Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPDF-320 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSPDF-320 Datasheet HTML 1Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 2Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 3Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 4Page - Wall Industries,Inc. PSPDF-320 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
03/02/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 1 of 5
DATASHEET
Rev. B
PSPDF-320 SERIES
88~264VAC (124~370VDC) Input Voltage Range
Single Outputs, PFC Function
Up to 321.6 Watts Output Power
AC/DC Switching Power Supplies
FEATURES
 Single Outputs
RoHS Compliant
Built-in Fan
Built-in PFC Function, PF > 0.95
 Universal Input Voltage Range (Full Range)
 High Efficiency and High Reliability
 All Using 105°C Long Life Electrolytic Capacitors
 PCB Soldering Side with Conformal Coating
 Up to 321.6W Output Power
 100% Full Load Burn-in Tested
Output Voltages Available from 3.3VDC to 48VDC
 Output Voltage Adjustability
 Wide Operating Temperature Range (-20°C to +65°C)
 Dimensions: 8.92” x 4.53” x 1.97” enclosed
 Short Circuit, Over Voltage, Over Load, and Over
Temperature Protection
DESCRIPTION
The PSPDF-320 series of AC/DC switching power supplies offers up to 321.6 Watts of output power in a 8.92” x 4.53” x
1.97” enclosed case. All models have a single output and a universal input voltage range of 88~264VAC (124~370VDC).
Some features include ±10% output adjustability, PFC > 0.93 at 230VAC, built-in fan, and a wide operating temperature
range of -20°C to +65°C. These supplies also have short circuit, over load, over voltage, and over temperature protection.
All models are RoHS compliant and have UL/cUL, CB, and CE safety approvals. These supplies are 100% full load burn-
in tested.


Similar Part No. - PSPDF-320

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSPDF-100 WALL-PSPDF-100 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-12 WALL-PSPDF-100-12 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-15 WALL-PSPDF-100-15 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-24 WALL-PSPDF-100-24 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
PSPDF-100-48 WALL-PSPDF-100-48 Datasheet
382Kb / 5P
AC/DC Switching Power Supplies
More results

Similar Description - PSPDF-320

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPW500 WALL-PSPW500 Datasheet
472Kb / 8P
AC/DC Switching Power Supplies
PSAE1500 WALL-PSAE1500 Datasheet
927Kb / 8P
AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com