Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1N55D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW1N55D
Description  N-channel IPAK MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW1N55D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW1N55D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW1N55D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW1N55D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW1N55D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW1N55D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2014. Rev. 2.0
Features
■ High ruggedness
■ R
DS(ON) (Max6.5Ω)@VGS=10V
■ Gate Charge (Typical 7nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
N-channel IPAK MOSFET
Absolute maximum ratings
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
1.65
oC/W
R
thcs
Thermal resistance, Case to Sink
oC/W
R
thja
Thermal resistance, Junction to ambient
92
oC/W
1/5
BV
DSS : 550V
I
D
: 1A
R
DS(ON) :6.5Ω
1
2
3
SW1N55D
SAMWIN
Item
Sales Type
Marking
Package
Packaging
1
SW I 1N55
SW1N55D
TO-251
TUBE
Order Codes
Symbol
Parameter
Value
Unit
V
DSS
Drain to Source Voltage
550
V
I
D
Continuous Drain Current (@T
C=25
oC)
1*
A
Continuous Drain Current (@T
C=100
oC)
0.6*
A
I
DM
Drain current pulsed
(note 1)
4
A
V
GS
Gate to Source Voltage
± 30
V
E
AS
Single pulsed Avalanche Energy
(note 2)
81.9
mJ
E
AR
Repetitive Avalanche Energy
(note 1)
20.7
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
77.1
W
Derating Factor above 25oC
0.62
W/oC
T
STG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
T
L
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. This power MOSFET is usually used at high efficient DC to DC
converter block and switch mode power supply.
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
1
2
3
TO-251


Similar Part No. - SW1N55D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW1N60 SEMIPOWER-SW1N60 Datasheet
737Kb / 7P
N-channel MOSFET
logo
VBsemi Electronics Co.,...
SW1N60 VBSEMI-SW1N60 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
Xian Semipower Electron...
SW1N60A SEMIPOWER-SW1N60A Datasheet
719Kb / 7P
N-channel MOSFET
SW1N60C SEMIPOWER-SW1N60C Datasheet
742Kb / 7P
N-channel D-PAK/I-PAK/TO-92 MOSFET
SW1N60D SEMIPOWER-SW1N60D Datasheet
663Kb / 6P
N-channel I-PAK/TO-92 MOSFET
More results

Similar Description - SW1N55D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD16NE10 STMICROELECTRONICS-STD16NE10 Datasheet
88Kb / 9P
N - CHANNEL 100V - 0.07ohm - 16A - IPAK/DPAK STripFET MOSFET
Jul-1998
STD1NB50 STMICROELECTRONICS-STD1NB50 Datasheet
87Kb / 8P
N - CHANNEL 500V - 7.5ohm - 1.4A IPAK PowerMESH MOSFET
Mar-2000
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD1NB80-1 STMICROELECTRONICS-STD1NB80-1 Datasheet
56Kb / 5P
N - CHANNEL 800V - 16W - 1A - IPAK PowerMESH MOSFET
September 1998
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NC40-1 STMICROELECTRONICS-STD2NC40-1 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD2NC40 STMICROELECTRONICS-STD2NC40 Datasheet
86Kb / 8P
N-CHANNEL 400V - 4.7ohm - 1.5A IPAK PowerMeshII MOSFET
May-2000
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD4NB25 STMICROELECTRONICS-STD4NB25 Datasheet
67Kb / 6P
N - CHANNEL 250V - 0.95ohm - 4A - DPAK/IPAK PowerMESHO MOSFET
Feb-2000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com