Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4989MD
Description  Low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Datasheet(HTML) 1 Page - STMicroelectronics

  L4989MD Datasheet HTML 1Page - STMicroelectronics L4989MD Datasheet HTML 2Page - STMicroelectronics L4989MD Datasheet HTML 3Page - STMicroelectronics L4989MD Datasheet HTML 4Page - STMicroelectronics L4989MD Datasheet HTML 5Page - STMicroelectronics L4989MD Datasheet HTML 6Page - STMicroelectronics L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2008
Rev 3
1/19
19
L4989
Low power voltage regulator
Features
■ Operating DC supply voltage range 5.6V to
31V
■ Very low quiescent current with watchdog
disabled
■ Precision output voltage (3%)
■ Low drop voltage (180mV typ ai Io=150mA)
■ Reset circuit sensing the output voltage down
to 1V
■ Programmable reset delay with external
capacitor
■ Watchdog disable input
■ Programmable watchdog timer with external
capacitor
■ Thermal shutdown and short circuit protection
■ Wide temperature range (Tj = -40°C to 150°C)
SO-8
SO-20
Table 1.
Device summary
Package
Order codes
Tube
Tape & reel
SO-8
L4989D
L4989D013TR
SO-20
L4989MD
L4989MD013TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - L4989MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4989MD STMICROELECTRONICS-L4989MD Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4989MD STMICROELECTRONICS-L4989MD Datasheet
623Kb / 19P
Automotive low power voltage regulator
01-Oct-2018
L4989MD013TR STMICROELECTRONICS-L4989MD013TR Datasheet
623Kb / 19P
Automotive low power voltage regulator
01-Oct-2018
More results

Similar Description - L4989MD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
logo
STMicroelectronics
L4989 STMICROELECTRONICS-L4989 Datasheet
584Kb / 10P
LOW POWER VOLTAGE REGULATOR
Mar-2004
logo
Sharp Corporation
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
logo
STMicroelectronics
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
logo
Sharp Corporation
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_18 Datasheet
193Kb / 22P
Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com