Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet (PDF) - STMicroelectronics

L4989MD Datasheet PDF - STMicroelectronics
Part # L4989MD
Download  L4989MD Download
File Size   623.89 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive low power voltage regulator

L4989MD Datasheet (PDF)

Go To PDF Page Download Datasheet
L4989MD Datasheet PDF - STMicroelectronics

Part # L4989MD
Download  L4989MD Click to download

File Size   623.89 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive low power voltage regulator

L4989MD Datasheet (HTML) - STMicroelectronics


L4989MD Product details

Features
 AEC-Q100 qualified
 Operating DC supply
voltage range 5.6 V to 31 V
 Very low quiescent current with watchdog
disabled
 Precision output voltage (±3%)
 Low drop voltage (180 mV typ at Io = 150 mA)
 Reset circuit sensing the output voltage down
to 1 V
 Programmable reset delay with external
capacitor
 Watchdog disable input
 Programmable watchdog timer with external
capacitor
 Thermal shutdown and short circuit protection
 Wide temperature range (Tj = -40°C to 150°C)




Similar Part No. - L4989MD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4989MD STMICROELECTRONICS-L4989MD Datasheet
370Kb / 19P
Low power voltage regulator
18-Nov-2008
L4989MD STMICROELECTRONICS-L4989MD Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - L4989MD

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
logo
Motorola, Inc
MC3325 MOTOROLA-MC3325 Datasheet
121Kb / 3P
Automotive Voltage Regulator
logo
STMicroelectronics
L4989 STMICROELECTRONICS-L4989 Datasheet
584Kb / 10P
LOW POWER VOLTAGE REGULATOR
Mar-2004
logo
Sharp Corporation
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
logo
STMicroelectronics
L9777B STMICROELECTRONICS-L9777B Datasheet
481Kb / 25P
Low power voltage regulator
14-Dec-2010
L4989MD STMICROELECTRONICS-L4989MD Datasheet
370Kb / 19P
Low power voltage regulator
18-Nov-2008
logo
ON Semiconductor
LP2950 ONSEMI-LP2950_18 Datasheet
193Kb / 22P
Low Power Low Dropout Voltage Regulator
January, 2018 ??Rev. 30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com