Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet(PDF) 9 Page - STMicroelectronics

Part # L4989MD
Description  Automotive low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4989MD Datasheet HTML 5Page - STMicroelectronics L4989MD Datasheet HTML 6Page - STMicroelectronics L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics L4989MD Datasheet HTML 10Page - STMicroelectronics L4989MD Datasheet HTML 11Page - STMicroelectronics L4989MD Datasheet HTML 12Page - STMicroelectronics L4989MD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS8714 Rev 3
9/19
L4989D, L4989MD
Electrical specifications
18
Table 6. Reset
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Res
Vres_l
Reset output low voltage
Rext = 5 k to Vo;
Vo > 1 V
0.4
V
Res
IRes_lkg
Reset output high leakage
current
VRes = 5 V
1
µA
Res
RRes
Pull up internal resistance
Versus Vo
10
20
50
k
Res
Vo_th
Reset threshold voltage
VS = 5.6 to 31 V;
Io = 1 to 150 mA
6%
8%
10%
Below
Vo_ref
Vcr
Vrlth
Reset timing low threshold
VS = 13.5 V
10%
13%
16%
Vo_ref
Vcr
Vrhth
Reset timing high threshold
VS = 13.5 V
44%
47%
50%
Vo_ref
Vcr
Icr
Charge current
VS = 13.5 V
8
15
30
µA
Vcr
Idr
Discharge current
VS = 13.5 V
8
15
30
µA
Res
Trr_2
Reset reaction time(1)
Vo = Vo_th -100 mV
100
250
700
µs
Res
Trd
Reset delay time
VS = 13.5 V;
Ctr = 1 nF
65
115
165
ms
1. When Vo becomes lower than 4 V, the reset reaction time decreases down to 2 µs assuring a faster reset condition in this
particular case.
Table 7. Watchdog
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Wi
Vih
Input high voltage
VS = 13.5 V
3.5
V
Wi
Vil
Input low voltage
VS = 13.5 V
1.5
V
Wi
Vih
Input hysteresis
VS = 13.5 V
500
mV
Wi
Rwi
Pull down resistor
VS = 13.5 V
30
100
250
K
Vcw
Vwhth
High threshold
VS = 13.5 V
44%
47%
50%
Vo_ref
Vcw
Vwlth
Low threshold
VS = 13.5 V
10%
13%
16%
Vo_ref
Vcw
Icwc
Charge current
VS = 13.5 V;
Vcw = 0.1 V
510
20
µA
Vcw
Icwd
Discharge current
VS = 13.5 V;
Vcw = 2.5 V
1.25
2.5
5
µA
Vcw
Twop
Watchdog period
VS = 13.5 V;
Ctw = 47 nF
20
40
80
ms
Res
twol
Watchdog output low time
VS = 13.5 V;
Ctw = 47 nF
48
16
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com