Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4989MD
Description  Automotive low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4989MD Datasheet HTML 6Page - STMicroelectronics L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics L4989MD Datasheet HTML 10Page - STMicroelectronics L4989MD Datasheet HTML 11Page - STMicroelectronics L4989MD Datasheet HTML 12Page - STMicroelectronics L4989MD Datasheet HTML 13Page - STMicroelectronics L4989MD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical specifications
L4989D, L4989MD
10/19
DS8714 Rev 3
Table 8. Watchdog Enable
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
WEn
VWEn_l
Enable input low voltage
1
V
WEn
VWEn_h
Enable input high voltage
3
V
WEn
VWEn_hy
Enable input hysteresis
600
920
1300
mV
WEn
I_leak
Pull down current
VS = 13.5 V
1
2.5
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com