Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4989MD
Description  Automotive low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics L4989MD Datasheet HTML 10Page - STMicroelectronics L4989MD Datasheet HTML 11Page - STMicroelectronics L4989MD Datasheet HTML 12Page - STMicroelectronics L4989MD Datasheet HTML 13Page - STMicroelectronics L4989MD Datasheet HTML 14Page - STMicroelectronics L4989MD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS8714 Rev 3
11/19
L4989D, L4989MD
Application information
18
3
Application information
3.1
Voltage regulator
The voltage regulator uses a p-channel MOS transistor as a regulating element. With this
structure a very low dropout voltage at current up to 150 mA is obtained. The output voltage
is regulated up to transient input supply voltage of 40 V. No functional interruption due to
over-voltage pulses is generated.The voltage Regulator is always active and not depending
on the state of WEn input pin. A short circuit protection to GND is provided.
Figure 3. Behavior of output current versus regulated voltage Vo
3.2
Reset
The reset circuit supervises the output voltage Vo. The Vo_th reset threshold is defined with
the internal reference voltage and a resistor output divider. If the output voltage becomes
lower than Vo_th then Res goes low with a reaction time trr. The reset low signal is
guaranteed for an output voltage Vo greater than 1 V.
When the output voltage becomes higher than Vo_th then Res goes high with a delay trd.
This delay is obtained by an internal oscillator.
The oscillator period is given by:
Tosc = [(Vrhth - Vrlth) x Ctr] / Icr + [(Vrhth - Vrlth) x Ctr] / Idr
where:
Icr:
is an internally generated charge current
Idr:
is an internally generated discharge current
Vrhth, Vrlth:
are two voltages defined with the output voltage and a resistor output
divider
Ctr:
is an external capacitance.
trd is given by:
trd = 512 x Tosc
The Reset is always active and not depending on the state of WEn input pin.
Vo
Vo_ref
Iout
Ishort Ilim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com