Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989MD Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4989MD
Description  Automotive low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Datasheet(HTML) 5 Page - STMicroelectronics

  L4989MD Datasheet HTML 1Page - STMicroelectronics L4989MD Datasheet HTML 2Page - STMicroelectronics L4989MD Datasheet HTML 3Page - STMicroelectronics L4989MD Datasheet HTML 4Page - STMicroelectronics L4989MD Datasheet HTML 5Page - STMicroelectronics L4989MD Datasheet HTML 6Page - STMicroelectronics L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS8714 Rev 3
5/19
L4989D, L4989MD
Block diagram and pin configuration
18
1
Block diagram and pin configuration
Figure 1. Block diagram
Table 2. Pins description
Pin name
SO-8(D)
S0-20(MD)
Function
WEn
11
Watchdog Enable input
If high watchdog functionality is active.
Gnd
2
4
Ground reference
Gnd
5, 6, 15, 16
Ground.
Connected these pins to a heat spreader ground
Res
3
7
Reset output.
It is pulled down when output voltage goes below Vo_th or
frequency at Wi is too low.
Vcr
4
10
Reset timing adjust.
A capacitor between Vcr pin and gnd, sets the reset delay time
(trd)
Vcw
5
11
Watchdog timer adjust
A capacitor between Vcw pin and gnd, sets the time response of
the watchdog monitor.
Wi
6
14
Watchdog input.
If the frequency at this input pin is too low, the Reset output is
activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com