Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5408B Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 3 Page - Supertex, Inc

  HV5408B Datasheet HTML 1Page - Supertex, Inc HV5408B Datasheet HTML 2Page - Supertex, Inc HV5408B Datasheet HTML 3Page - Supertex, Inc HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Sym
Parameter
Min
Max
Units Conditions
Electrical Characteristics (V
PP = 60V, VDD = 12V, TA = 25°C)
DC Characteristics
I
PP
V
PP supply current
-
0.5
mA
HV
OUTPUTS high to low
I
DDQ
I
DD supply current (quiescent)
-
100
µA
All inputs = V
DD or GND
I
DD
I
DD supply current (operating)
-
15
mA
V
DD = VDD max, fCLK = 8.0MHz
V
OH (data)
Shift register output voltage
10.5
-
V
I
O = -100µA
V
OL (data)
Shift register output voltage
-
1.0
V
I
O = 100µA
I
IH
Current leakage, any input
-
1.0
µA
V
IN = VDD
I
IL
Current leakage, any input
-
-1.0
µA
V
IN = 0
V
OC
HV output clamp diode voltage
-
-1.5
V
I
OL = -100mA
V
OH
HV output when sourcing
52
-
V
I
OH = -20mA, -40 to 85°C
V
OL
HV output when sinking
-
8.0
V
I
OL = 20mA, -40 to 85°C
V
OH
HV output when sourcing
52
-
V
I
OH = -15mA, -55 to 125°C
V
OL
HV output when sinking
-
8.0
V
I
OL = 15mA, -55 to 125°C
Sym
Parameter
Min
Max
Units
V
DD
Logic voltage supply
10.8
13.2
V
V
PP
High voltage supply
8.0
80
V
V
IH
Input high voltage
V
DD - 2.0
V
DD
V
V
IL
Input low voltage
0
2.0
V
f
CLK
Clock frequency
0
8.0
MHz
Power-Up Sequence
Power-up sequence should be the following:
1. Connect ground
2. Apply V
DD
3. Set all inputs (Data, CLK, LE, etc.) to a known state
4. Apply V
PP
5. The V
PP should not fall below VDD or float during operation.
Power-down sequence should be the reverse of the above.
Recommended Operating Conditions (over -40°C to 85°C for plastic and -55°C to 125°C for ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com