Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5408B Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 6 Page - Supertex, Inc

Back Button HV5408B Datasheet HTML 2Page - Supertex, Inc HV5408B Datasheet HTML 3Page - Supertex, Inc HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc HV5408B Datasheet HTML 10Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pin
Function
Description
1
HV
OUT11
High voltage outputs.
High voltage push-pull outputs, which, depending on controlling low voltage data,
can drive loads either to GND, or to V
PP rail levels.
2
HV
OUT12
3
HV
OUT13
4
HV
OUT14
5
HV
OUT15
6
HV
OUT16
7
HV
OUT17
8
HV
OUT18
9
HV
OUT19
10
HV
OUT20
11
HV
OUT21
12
HV
OUT22
13
HV
OUT23
14
HV
OUT24
15
HV
OUT25
16
HV
OUT26
17
HV
OUT27
18
HV
OUT28
19
HV
OUT29
20
HV
OUT30
21
HV
OUT31
22
HV
OUT32
23
DATA OUT
Serial data output.
Data output for cascading to the data input of the next device.
24
N/C
No connect.
25
26
27
CLK
Data shift register clock
Input are shifted into the shift register on the positive edge of the clock.
28
GND
Logic and high voltage ground.
29
VPP
High voltage power rail.
30
VDD
Low voltage logic power rail.
44-Lead PQFP Pin Assignment (PG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com