Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5408B Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 1 Page - Supertex, Inc

  HV5408B Datasheet HTML 1Page - Supertex, Inc HV5408B Datasheet HTML 2Page - Supertex, Inc HV5408B Datasheet HTML 3Page - Supertex, Inc HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
HV5408B
Features
► Processed with HVCMOS® technology
► Low power level shifting
► SOURCE/SINK current minimum 20mA
► Shift register speed 8.0MHz
► Latched data outputs
► CMOS compatible inputs
► Forward and reverse shifting options
► Diode to VPP allows efficient power recovery
General Description
The HV5408B is a low voltage serial to high voltage parallel
converter with push-pull outputs. This device has been designed
for use as a driver for AC-electroluminescent displays. It can also
be used in any application requiring multiple output high voltage
current sourcing and sinking capabilities, such as driving plasma
panels, vacuum fluorescent, or large matrix LCD displays.
The HV5408B consists of a 32-bit shift register, 32 latches, and
control logic to enable outputs. Q1 is connected to the first stage
of the shift register through the Output Enable logic. Data is shifted
through the shift register on the low to high transition of the clock.
When viewed from the top of the package, the HV5408B shifts in
the counter-clockwise direction. A data output buffer is provided
for cascading devices. This output reflects the current status of
the last bit of the shift register (32). Operation of the shift register
is not affected by the LE (latch enable) or the OE (output enable)
inputs. Transfer of data from the shift register to the latch occurs
when the LE input is high. The data in the latch is retained when
LE is low.
Typical Application Circuit
32-Channel Serial to Parallel Converter
With High Voltage Push-Pull Outputs
DATA
INPUT
CLK
LE
OE
HV
OUT1
Micro
Processor
Supertex HV5408B
Display
Panel
Columns
Row
Driver
HV
OUT32
Data Input for cascading the next HV5408B
DATA
OUT
Low Voltage
High Voltage
Shift Register
Latches
Output Contr.
Level
Translators
&
Push-Pull
Output
Buffers
VPP
VDD


Similar Part No. - HV5408B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5408 SUTEX-HV5408 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408 SUTEX-HV5408 Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
logo
Microchip Technology
HV5408 MICROCHIP-HV5408 Datasheet
330Kb / 17P
32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5408DJ SUTEX-HV5408DJ Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5408PG SUTEX-HV5408PG Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results

Similar Description - HV5408B

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308 Datasheet
455Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com