Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5408B Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV5408B
Description  32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV5408B Datasheet(HTML) 4 Page - Supertex, Inc

  HV5408B Datasheet HTML 1Page - Supertex, Inc HV5408B Datasheet HTML 2Page - Supertex, Inc HV5408B Datasheet HTML 3Page - Supertex, Inc HV5408B Datasheet HTML 4Page - Supertex, Inc HV5408B Datasheet HTML 5Page - Supertex, Inc HV5408B Datasheet HTML 6Page - Supertex, Inc HV5408B Datasheet HTML 7Page - Supertex, Inc HV5408B Datasheet HTML 8Page - Supertex, Inc HV5408B Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
HV5408B
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Switching Waveforms
LE
HV
OUT
w/ S/R LOW
Data Valid
50%
DATA
IN
CLK
DATA
OUT
t
SU
t
H
t
WL
t
WH
50%
50%
t
DLH
t
DHL
50%
t
WLE
t
DLE
t
SLE
50%
50%
t
ON
10%
90%
90%
10%
t
OFF
V
IH
V
IL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
V
IH
V
IL
V
OH
V
OL
V
OH
V
OL
50%
50%
50%
50%
HV
OUT
w/ S/R HIGH
AC Characteristics
Sym
Parameter
Min
Max Units Conditions
f
CLK
Clock frequency
-
8.0
MHz ---
t
WL or tWH
Clock width, HIGH or LOW
62
-
ns
---
t
SU
Setup time before CLK rises
25
-
ns
---
t
H
Hold time after CLK rises
10
-
ns
---
t
DLH (data)
Data output delay after L to H CLK
-
110
ns
C
L = 15pF
t
DHL (data)
Data output delay after H to L CLK
-
110
ns
C
L = 15pF
t
DLE
LE delay after L to H CLK
50
-
ns
---
t
WLE
Width of LE pulse
50
-
ns
---
t
SLE
LE setup time before L to H CLK
50
-
ns
---
t
ON
Delay from LE to HV
OUT, L to H
-
500
ns
---
t
OFF
Delay from LE to HV
OUT, H to L
-
500
ns
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com