Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375V Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375V Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7375V Datasheet HTML 4Page - STMicroelectronics TDA7375V Datasheet HTML 5Page - STMicroelectronics TDA7375V Datasheet HTML 6Page - STMicroelectronics TDA7375V Datasheet HTML 7Page - STMicroelectronics TDA7375V Datasheet HTML 8Page - STMicroelectronics TDA7375V Datasheet HTML 9Page - STMicroelectronics TDA7375V Datasheet HTML 10Page - STMicroelectronics TDA7375V Datasheet HTML 11Page - STMicroelectronics TDA7375V Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TDA7375V
8/15
Figure 21. Total Power Dissipation and
Efficiency vs. Output Power
Figure 22. Total Power Dissipation and
Efficiency vs. Output Power
5
GENERAL STRUCTURE
5.1 High Application Flexibility
The availability of 4 independent channels makes it possible to accomplish several kinds of applications
ranging from 4 speakers stereo (F/R) to 2 speakers bridge solutions.
In case of working in single ended conditions the polarity of the speakers driven by the inverting amplifier
must be reversed respect to those driven by non inverting channels. This is to avoid phase inconveniences
causing sound alterations especially during the reproduction of low frequencies.
5.2 Easy Single Ended to Bridge Transition
The change from single ended to bridge configurations is made simply by means of a short circuit across
the inputs, that is no need of further external components.
5.3 Gain Internally Fixed to 20dB in Single Ended, 26dB in Bridge
Advantages of this design choice are in terms of:
■ componentsand space saving
■ output noise, supply voltage rejection and distortion optimization.
5.4 Silent Turn On/Off and Muting/Stand-by Function
The stand-by can be easily activated by means of a CMOS level applied to pin 7 through a RC filter.
Under stand-by condition the device is turned off completely (supply current = 1
A typ.; output attenuation
= 80dB min.). Every ON/OFF operation is virtually pop free. Furthemore, at turn-on the device stays in
muting condition for a time determined by the value assigned to the SVR capacitor.
While in muting the device outputs becomes insensitive to any kinds of signal that may be present at the
input terminals. In other words every transient coming from previous stages produces no unplesantacous-
tic effect to the speakers.
5.5 STAND-BY DRIVING (pin 7)
Some precautions have to be taken in the definition of stand-by driving networks: pin 7 cannot be directly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com