Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375V Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375V Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7375V Datasheet HTML 1Page - STMicroelectronics TDA7375V Datasheet HTML 2Page - STMicroelectronics TDA7375V Datasheet HTML 3Page - STMicroelectronics TDA7375V Datasheet HTML 4Page - STMicroelectronics TDA7375V Datasheet HTML 5Page - STMicroelectronics TDA7375V Datasheet HTML 6Page - STMicroelectronics TDA7375V Datasheet HTML 7Page - STMicroelectronics TDA7375V Datasheet HTML 8Page - STMicroelectronics TDA7375V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
TDA7375V
September 2013
1FEATURES
■ HIGH OUTPUT POWER CAPABILITY:
– 2 x 40W max./4
– 2 x 35W/4
 EIAJ
– 2 x 35W/4
 EIAJ
– 2 x 25W/4
 @14.4V, 1KHz, 10%
– 4 x 7W/4
 @14.4V,1KHz, 10%
– 4 x 12W/2
 @14.4V, 1KHz, 10%
■ MINIMUM EXTERNAL COMPONENTS
COUNT:
– NO BOOTSTRAP CAPACITORS
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN (26dB BTL)
■ ST-BY FUNCTION (CMOS COMPATIBLE)
■ NO AUDIBLE POP DURING ST-BY
OPERATIONS
■ DIAGNOSTICS FACILITY FOR:
– CLIPPING
– OUT TO GND SHORT
–OUT TO VS SHORT
– SOFT SHORT AT TURN-ON
– THERMAL SHUTDOWN PROXIMITY
2
PROTECTIONS:
■ OUPUT AC/DC SHORT CIRCUIT
–TO GND
–TO VS
– ACROSS THE LOAD
■ SOFT SHORT AT TURN-ON
■ OVERRATING CHIP TEMPERATURE WITH
■ SOFT THERMAL LIMITER
■ LOAD DUMP VOLTAGESURGE
■ VERY INDUCTIVE LOADS
■ FORTUITOUS OPEN GND
■ REVERSED BATTERY
■ ESD
2 x 35W dual/quad power amplifier for car radio
Figure 2. Block Diagram
Rev. 5
Figure 1. Package
Table 1. Order Codes
Part Number
Package
TDA7375V
MULTIWATT 15 (Vertical)
MULTIWATT15


Similar Part No. - TDA7375V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375V STMICROELECTRONICS-TDA7375V Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
More results

Similar Description - TDA7375V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7376B STMICROELECTRONICS-TDA7376B Datasheet
104Kb / 9P
2 x 35W POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7377 STMICROELECTRONICS-TDA7377 Datasheet
254Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7376PD STMICROELECTRONICS-TDA7376PD Datasheet
170Kb / 9P
2 X 35W POWER AMPLIFIER FOR CAR RADIO
Apr-2004
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com