Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375V Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375V Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7375V Datasheet HTML 6Page - STMicroelectronics TDA7375V Datasheet HTML 7Page - STMicroelectronics TDA7375V Datasheet HTML 8Page - STMicroelectronics TDA7375V Datasheet HTML 9Page - STMicroelectronics TDA7375V Datasheet HTML 10Page - STMicroelectronics TDA7375V Datasheet HTML 11Page - STMicroelectronics TDA7375V Datasheet HTML 12Page - STMicroelectronics TDA7375V Datasheet HTML 13Page - STMicroelectronics TDA7375V Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TDA7375V
10/15
vice itself and for the loudspeaker.
This particular kind of protection acts in a way to avoid that the device is turned on (by ST-BY) when a
resistive path (less than 16 ohms) is present between the output and GND. As the involved circuitry is nor-
mally disabled when a current higher than 5mA is flowing into the ST-BY pin, it is important, in order not
to disable it, to have the external current source driving the ST-BY pin limited to 5mA.
This extra function becomes particularly attractive when, in the single ended configuration, one capacitor
is shared between two outputs (see fig. 24). Supposing that the output capacitor Cout for anyreason is
shorted, the loudspeaker will not be damaged being this soft short circuit condition revealed.
Figure 24. Single ended configuaration circuit
5.7.1 Diagnostics Facility
The TDA7375 is equipped with a diagnostic circuitry able to detect the following events:
■ Clipping in the output signal
■ Thermal shutdown
■ Output fault:
– short to GND
– short to VS
– soft short at turn on
The information is available across an open collector output (pin 10) through a current sinking when the
event is detected A current sinking at pin 10 is triggered when a certain distortion level is reached at any
of the outputs. This function allows gain compression possibility whenever the amplifier is overdriven.
5.7.2 Thermal Shutdown
In this case the output 10 will signal the proximity of the junction temperature to the shutdown threshold.
Typically current sinking at pin 10 will start ~10°C before the shutdown threshold is reached.
Figure 25. Clipping Detection Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com