Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7375V Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7375V
Description  2 x 35W dual/quad power amplifier for car radio
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7375V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7375V Datasheet HTML 7Page - STMicroelectronics TDA7375V Datasheet HTML 8Page - STMicroelectronics TDA7375V Datasheet HTML 9Page - STMicroelectronics TDA7375V Datasheet HTML 10Page - STMicroelectronics TDA7375V Datasheet HTML 11Page - STMicroelectronics TDA7375V Datasheet HTML 12Page - STMicroelectronics TDA7375V Datasheet HTML 13Page - STMicroelectronics TDA7375V Datasheet HTML 14Page - STMicroelectronics TDA7375V Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TDA7375V
12/15
Figure 28. Waveforms
Figure 29. Interface circuitry to differentiate the information schematic
5.9 PCB-LAYOUT GROUNDING (general rules)
The device has 2 distinct ground leads, P-GND (POWER GROUND) and S-GND (SIGNAL GROUND)
which are practically disconnected from each other at chip level. Proper operation requires that P-GND
and S-GND leads be connected together on the PCB-layout by means of reasonably low-resistance
tracks.
As for the PCB-ground configuration, a star-like arrangement whose center is represented by the supply-
filtering electrolytic capacitor ground is highly advisable. In such context, at least 2 separate paths have
to be provided, one for P-GND and one for S-GND. The correct ground assignments are as follows:
STANDBY CAPACITOR, pin 7 (or any other standby driving networks): on S-GND
SVR CAPACITOR (pin 6): on S-GND and to be placed as close as possible to the device.
INPUT SIGNAL GROUND (from active/passive signal processor stages): on S-GND.
SUPPLY FILTERING CAPACITORS (pins 3,13): on P-GND.
The (-) terminal of the electrolytic capacitor has to be directly tied to the battery (-) line and this should
represent the starting point for all the ground paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com