Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SSL21083AT
Description  Compact non-dimmable LED driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SSL21083AT Datasheet HTML 7Page - NXP Semiconductors SSL21083AT Datasheet HTML 8Page - NXP Semiconductors SSL21083AT Datasheet HTML 9Page - NXP Semiconductors SSL21083AT Datasheet HTML 10Page - NXP Semiconductors SSL21083AT Datasheet HTML 11Page - NXP Semiconductors SSL21083AT Datasheet HTML 12Page - NXP Semiconductors SSL21083AT Datasheet HTML 13Page - NXP Semiconductors SSL21083AT Datasheet HTML 14Page - NXP Semiconductors SSL21083AT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SSL21083AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 4 October 2013
11 of 22
NXP Semiconductors
SSL21083AT
Compact non-dimmable LED driver IC
If an NTC resistor is connected between the NTC pin and ground, the voltage on the NTC
pin is 0 V when VCC reaches VCC(startup).
When the voltage on the NTC pin exceeds Vth(high)NTC (see Figure 6 (4)), the converter
delivers nominal output current. When the voltage is lower than this level, the peak current
is gradually reduced until Vth(low)NTC is reached (see Figure 6 (3)). The peak current is
now half the peak current of nominal operation. When Vact(tmr)NTC is passed
(see Figure 6 (2)), a timer starts to run to distinguish between the following situations:
• If the low-level Vdeact(tmr)NTC is not reached within time tto(deact)NTC (see Figure 6 (1)),
LED overtemperature is detected. The IC stops switching and attempts to restart from
the HV pin voltage. The converter restarts from an NTC protection shutdown when the
voltage on the NTC pin exceeds Vth(high)NTC (see Figure 6 (4)). It is assumed that the
reduction in peak current does not result in a lower NTC temperature and LED OTP is
activated.
• If the low-level Vdeact(tmr)NTC is reached within the time tto(deact)NTC (see Figure 6 (1)) it
is assumed that the pin is pulled down externally. The restart function is not triggered.
Instead, the output current is reduced to zero. PWM regulation and consequently
output LED current regulation can be implemented this way. The output current rises
again when the voltage exceeds Vth(low)NTC.
8.7.1 Soft-start function
The NTC pin can be used to make a soft start function. During switch-on, the level on the
NTC pin is low. By connecting a capacitor (in parallel with the NTC resistor), a time
constant can be defined. The time constant causes the level on the NTC pin to increase
slowly. When passing level Vth(low)NTC (see Figure 6 (3)), the converter starts with half of
the maximum current. The output current slowly increases to maximum when Vth(high)NTC
(see Figure 6 (4)) is reached.
Fig 6.
NTC control curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com