Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083AT Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SSL21083AT
Description  Compact non-dimmable LED driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083AT Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SSL21083AT Datasheet HTML 11Page - NXP Semiconductors SSL21083AT Datasheet HTML 12Page - NXP Semiconductors SSL21083AT Datasheet HTML 13Page - NXP Semiconductors SSL21083AT Datasheet HTML 14Page - NXP Semiconductors SSL21083AT Datasheet HTML 15Page - NXP Semiconductors SSL21083AT Datasheet HTML 16Page - NXP Semiconductors SSL21083AT Datasheet HTML 17Page - NXP Semiconductors SSL21083AT Datasheet HTML 18Page - NXP Semiconductors SSL21083AT Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SSL21083AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 4 October 2013
15 of 22
NXP Semiconductors
SSL21083AT
Compact non-dimmable LED driver IC
[1]
An internal clamp sets the supply voltage. The current into the VCC pin must not exceed the maximum IDD value (see Table 5).
[2]
This parameter is not tested during production, by design it is guaranteed.
Valley detection
(
V/t)
vrec
valley recognition voltage change
with time
on pin DRAIN
30
20
10
V/
s
fring
ringing frequency
[2] 200
550
1000
kHz
V
vrec(min)
minimum valley recognition
voltage difference
voltage drop on pin DRAIN
15
20
25
V
td(vrec-swon)
valley recognition to switch-on
delay time
-
100
-
ns
Brownout detection
ton(high)
high on-time
12.5
15
17.5
s
MOSFET output stage
VBR(DRAIN)
breakdown voltage on pin DRAIN Tj > 0 C
600
-
-
V
RDSon
drain-source on-state resistance
Tj = 25 C
4
5
6
Tj = 125 C
6
7.5
9
dV/dt)
f(DRAIN)
fall rate of change of voltage on
pin DRAIN
CDRAIN = 75 pF; RSOURCE = 1.2 
-
1.5
-
V/ns
NTC functionality
Vth(high)NTC
high threshold voltage on pin
NTC
0.47
0.5
0.53
V
Vth(low)NTC
low threshold voltage on pin NTC
0.325
0.35
0.375
V
Vact(tmr)NTC
timer activation voltage on pin
NTC
0.26
0.29
0.325
V
Vdeact(tmr)NTC
timer deactivation voltage on pin
NTC
0.17
0.2
0.23
V
tto(deact)NTC
deactivation time-out time on pin
NTC
33
46
59
s
Ioffset(NTC)
offset current on pin NTC
-
47
-
A
OSP
tdet(sc)
short-circuit detection time
16
20
24
ms
toff(high)
high off-time
30
36
42
s
Temperature protections
Tth(act)otp
overtemperature protection
activation threshold temperature
160
170
180
C
Tth(rel)otp
overtemperature protection
release threshold temperature
90
100
110
C
Table 7.
Characteristics …continued
Values specified at Tamb = 25 C unless otherwise stated; all voltages are measured with respect to ground; currents are
positive. when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com