Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083AT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SSL21083AT
Description  Compact non-dimmable LED driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083AT Datasheet(HTML) 2 Page - NXP Semiconductors

  SSL21083AT Datasheet HTML 1Page - NXP Semiconductors SSL21083AT Datasheet HTML 2Page - NXP Semiconductors SSL21083AT Datasheet HTML 3Page - NXP Semiconductors SSL21083AT Datasheet HTML 4Page - NXP Semiconductors SSL21083AT Datasheet HTML 5Page - NXP Semiconductors SSL21083AT Datasheet HTML 6Page - NXP Semiconductors SSL21083AT Datasheet HTML 7Page - NXP Semiconductors SSL21083AT Datasheet HTML 8Page - NXP Semiconductors SSL21083AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SSL21083AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 4 October 2013
2 of 22
NXP Semiconductors
SSL21083AT
Compact non-dimmable LED driver IC
Internal protections:
UnderVoltage LockOut (UVLO)
Leading-Edge Blanking (LEB)
OverCurrent Protection (OCP)
Internal OverTemperature Protection (OTP)
Brownout protection
Output Short Protection (OSP)
Low component count LED driver solution (see Figure 3):
No Schottky diode required due to ZCS
Easy external temperature protection with a single NTC resistor
Option for soft-start function
Compatible with wall switches with built-in indication light during standby1
IC lifetime easily matches or surpasses LED lamp lifetime
3.
Applications
SSL21083AT products are intended for compact mains non-dimmable LED lighting
applications with accurate fixed current output for single mains input voltages. Mains input
voltages include 100 V (AC), 120 V (AC) and 230 V (AC). The output signal can be
modulated using a PWM signal.
1.
The Hotaru switch is a well-known wall switch with built-in light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com