Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL21083AT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SSL21083AT
Description  Compact non-dimmable LED driver IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL21083AT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SSL21083AT Datasheet HTML 9Page - NXP Semiconductors SSL21083AT Datasheet HTML 10Page - NXP Semiconductors SSL21083AT Datasheet HTML 11Page - NXP Semiconductors SSL21083AT Datasheet HTML 12Page - NXP Semiconductors SSL21083AT Datasheet HTML 13Page - NXP Semiconductors SSL21083AT Datasheet HTML 14Page - NXP Semiconductors SSL21083AT Datasheet HTML 15Page - NXP Semiconductors SSL21083AT Datasheet HTML 16Page - NXP Semiconductors SSL21083AT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SSL21083AT
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 6 — 4 October 2013
13 of 22
NXP Semiconductors
SSL21083AT
Compact non-dimmable LED driver IC
9.
Limiting values
[1]
The current into the VCC pin must not exceed the maximum IDD value.
[2]
An internal clamp sets the supply voltage.
[3]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[4]
Charged device model: equivalent to charging the IC up to 1 kV and the subsequent discharging of each
pin down to 0 V over a 1
 resistor.
10. Thermal characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
General
SR
slew rate
on pin DRAIN
5
+5
V/ns
Ptot
total power dissipation
SO8 package
-
0.6
W
Tamb
ambient temperature
40
+125
C
Tj
junction temperature
40
+150
C
Tstg
storage temperature
55
+150
C
Voltages
VCC
supply voltage
continuous
[1]
0.4
+20
V
VDRAIN
voltage on pin DRAIN
0.4
+600
V
VHV
voltage on pin HV
current limited
0.4
+600
V
VSOURCE
voltage on pin SOURCE
current limited
0.4
+5.2
V
VNTC
voltage on pin NTC
current limited
0.4
+5.2
V
Currents
IDD
supply current
at pin VCC
[2] -
20
mA
IDRAIN
current on pin DRAIN
1
+1
A
ISOURCE
current on pin SOURCE
1
+1
A
IDVDT
current on pin DVDT
duration 20
s
maximum
-
1.3
A
VESD
electrostatic discharge
voltage
human body model;
pins DRAIN and HV
[3]
1
+1
kV
human body model;
all other pins
2
+2
kV
charged device
[4]
500
+500
V
Table 6.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air; SO8 package, PCB: 2 cm
3 cm,
2-layer, 35
m Cu per layer
142
K/W
in free air; SO8 package; PCB: JEDEC 2s2p
72
K/W
j-top
thermal characterization parameter from
junction to top of package
top package temperature measured at the
warmest point on top of the case; SO8 package
3.4
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com