Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1380
Description  Serial Timekeeper Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1380 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pad Assignment
Pad Coordinates
Unit: mm
Pad No.
X
Y
1
-851.40
775.00
2
-851.40
494.60
3
-844.40
-203.90
4
845.90
-618.30
5
848.40
-4.30
6
845.90
332.60
7
844.40
572.60
Chip size: 2010 ´ 1920 (mm)2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Description
Pad No. Pad Name I/O
Internal
Connection
Description
1
X1
I
CMOS
32768Hz crystal input pad
2
X2
O
CMOS
Oscillator output pad
3
VSS
I
CMOS
Ground pin
4
REST
I
CMOS
Reset pin with serial transmission
5
I/O
I/O
CMOS
Data input/output pin with serial transmission
6
SCLK
I
CMOS
Serial clock pulse pin with serial transmission
7
VDD
I
CMOS
Power supply pin
Absolute Maximum Ratings
Supply Voltage..............................-0.3V to 5.5V
Storage Temperature.................-50°Cto125°C
Input Voltage.................VSS-0.3V to VDD+0.3V
Operating Temperature ..................0°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
HT1380/HT1381
2
October 2, 1999
1
2
3
4
5
6
7
(0 , 0 )
X1
X2
VSS
I/O
SC L K
VD D
RE S T



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com