Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1380
Description  Serial Timekeeper Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1380 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HT1380/HT1381
Serial Timekeeper Chip
Block Diagram
Pin Assignment
1
October 2, 1999
Features
·
Operating voltage: 2.0V~5.5V
·
Maximum input serial clock: 500kHz at
VDD=2V, 2MHz at VDD=5V
·
Operating current: less than 400nA at 2V,
less than 1.2mAat5V
·
TTL compatible
-
VIH: 2.0V~VDD+0.3V at VDD=5V
-
VIL: -0.3V~+0.8V at VDD=5V
·
Two data transmission modes: single-byte,
or burst mode
·
Serial I/O transmission
·
All registers store BCD format
·
HT1380: 8-pin DIP package
HT1381: 8-pin SOP package
General Description
The HT1380/HT1381 is a serial timekeeper IC
which provides seconds, minutes, hours, day,
date, month and year information. The number
of days in each month and leap years are auto-
matically adjusted. The HT1380/HT1381 is de-
signed for low power consumption and can
operate in two modes: one is the 12-hour mode
with an AM/PM indicator, the other is the
24-hour mode.
The HT1380/HT1381 has several registers to
store the corresponding information with 8-bit
data format. A 32768Hz crystal is required to
provide the correct timing. In order to minimize
the pin number, the HT1380/HT1381 use a se-
rial I/O transmission method to interface with a
microprocessor. Only three wires are required:
(1) REST, (2) SCLK and (3) I/O. Data can be de-
livered 1 byte at a time or in a burst of up to 8
bytes.
Applications
·
Microcomputer serial clock
·
Clock and Calendar
1
2
3
4
8
7
6
5
NC
X1
X2
VSS
VD D
SC L K
I/O
RE S T
H T 1380
8 D I P
1
2
3
4
8
7
6
5
NC
X1
X2
VSS
VD D
SC L K
I/O
RE S T
H T 1381
8 S O P
RE S T
Da t a S h i f t
R egi s t er
C o mma n d
C ont rol Logi c
R eal T i m e
Cl o c k
O s c i lla t o r a n d
Di v i d e r
Ci rc u i t
X1
X2
SC L K
I/O


Similar Part No. - HT1380

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
HT1380 SYC-HT1380 Datasheet
155Kb / 13P
HT1380
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
More results

Similar Description - HT1380

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
MK41T56 STMICROELECTRONICS-MK41T56 Datasheet
102Kb / 15P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Mar-1999
logo
Dallas Semiconductor
DS1284 DALLAS-DS1284 Datasheet
143Kb / 3P
Watchdog Timekeeper Chip
DS1286 DALLAS-DS1286 Datasheet
234Kb / 13P
Watchdog Timekeeper
DS1283 DALLAS-DS1283 Datasheet
55Kb / 5P
Watchdog Timekeeper Chip
logo
Holtek Semiconductor In...
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1381-8SOPLF HOLTEK-HT1381-8SOPLF Datasheet
172Kb / 10P
Serial Timekeeper Chip
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com