Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet (PDF) - SYC Electronica

HT1380 Datasheet PDF - SYC Electronica
Part # HT1380
Download  HT1380 Download
File Size   155.42 Kbytes
Page   13 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description HT1380

HT1380 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1380 Datasheet PDF - SYC Electronica

Part # HT1380
Download  HT1380 Click to download

File Size   155.42 Kbytes
Page   13 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description HT1380

HT1380 Datasheet (HTML) - SYC Electronica


HT1380 Product details

Features
Operating voltage: 2.0V~5.5V
Maximum input serial clock: 500kHz at VDD=2V,
2MHz at VDD=5V
Operating current: less than 1A at 2V,
less than 1.2A at 5V
TTL compatible
 VIH: 2.0V~VDD+0.3V at VDD=5V
 VIL: 0.3V~+0.8V at VDD=5V
Two data transmission modes: single-byte,
or burst mode
Serial I/O transmission
All registers store BCD format
HT1380: 8-pin DIP package
HT1381: 8-pin SOP package

General Description
The HT1380/HT1381 is a serial timekeeper IC which
provides seconds, minutes, hours, day, date, month and
year information. The number of days in each month
and leap years are automatically adjusted. The
HT1380/HT1381 is designed for low power consumption
and can operate in two modes: one is the 12-hour
mode with an AM/PM indicator, the other is the 24-hour
mode.
The HT1380/HT1381 has several registers to store the
corresponding information with 8-bit data format. A
32768Hz crystal is required to provide the correct timing.
In order to minimize the pin number, the
HT1380/HT1381 use a serial I/O transmission method
to interface with a microprocessor. Only three wires are
required: (1) REST, (2) SCLK and (3) I/O. Data can be
delivered 1 byte at a time or in a burst of up to 8 bytes.




Similar Part No. - HT1380

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com