Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 1 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 1 Page - SYC Electronica

  HT1380 Datasheet HTML 1Page - SYC Electronica HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Block Diagram
Pin Assignment
Rev. 1.10
1
July 18, 2008
Features
· Operating voltage: 2.0V~5.5V
· Maximum input serial clock: 500kHz at VDD=2V,
2MHz at VDD=5V
· Operating current: less than 1mAat2V,
less than 1.2
mAat5V
· TTL compatible
- VIH: 2.0V~VDD+0.3V at VDD=5V
- VIL: -0.3V~+0.8V at VDD=5V
· Two data transmission modes: single-byte,
or burst mode
· Serial I/O transmission
· All registers store BCD format
· HT1380: 8-pin DIP package
HT1381: 8-pin SOP package
General Description
The HT1380/HT1381 is a serial timekeeper IC which
provides seconds, minutes, hours, day, date, month and
year information. The number of days in each month
and leap years are automatically adjusted. The
HT1380/HT1381 is designed for low power consump-
tion and can operate in two modes: one is the 12-hour
mode with an AM/PM indicator, the other is the 24-hour
mode.
The HT1380/HT1381 has several registers to store the
corresponding information with 8-bit data format. A
32768Hz crystal is required to provide the correct tim-
ing. In order to minimize the pin number, the
HT1380/HT1381 use a serial I/O transmission method
to interface with a microprocessor. Only three wires are
required: (1) REST, (2) SCLK and (3) I/O. Data can be
delivered 1 byte at a time or in a burst of up to 8 bytes.
Applications
· Microcomputer serial clock
· Clock and Calendar
1
2
3
4
8
7
6
5
N C
X 1
X 2
V S S
V D D
S C L K
I / O
R E S T
H T 1 3 8 0
8 D I P - A
1
2
3
4
8
7
6
5
N C
X 1
X 2
V S S
V D D
S C L K
I / O
R E S T
H T 1 3 8 1
8 S O P - A
R E S T
C o m m a n d
C o n t r o l L o g i c
X 1
X 2
S C L K
I / O
D a t a S h i f t
R e g i s t e r
R e a l T i m e
C l o c k
O s c i l l a t o r a n d
D i v i d e r C i r c u i t
HT1380


Similar Part No. - HT1380

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1380 HOLTEK-HT1380 Datasheet
183Kb / 10P
Serial Timekeeper Chip
October 2, 1999
HT1380A HOLTEK-HT1380A Datasheet
1Mb / 14P
Serial Timekeeper Chip
HT1380A HOLTEK-HT1380A_15 Datasheet
1Mb / 13P
Serial Timekeeper Chip
February 03, 2015
HT1380 HOLTEK-HT1380_11 Datasheet
125Kb / 14P
Serial Timekeeper Chip
May 27, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com