Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 2 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 2 Page - SYC Electronica

  HT1380 Datasheet HTML 1Page - SYC Electronica HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pad Assignment
Chip size: 2010
´ 1920 (mm)
2
* The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
1
-851.40
775.00
2
-851.40
494.60
3
-844.40
-203.90
4
845.90
-618.30
5
848.40
-4.30
6
845.90
332.60
7
844.40
572.60
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Description
1
X1
I
CMOS
32768Hz crystal input pad
2
X2
O
CMOS
Oscillator output pad
3
VSS
¾
CMOS
Negative power supply, ground
4
REST
I
CMOS
Reset pin with serial transmission
5
I/O
I/O
CMOS
Data input/output pin with serial transmission
6
SCLK
I
CMOS
Serial clock pulse pin with serial transmission
7
VDD
¾
CMOS
Positive power supply
Rev. 1.10
2
July 18, 2008
1
2
3
4
5
6
7
( 0 , 0 )
X 1
X 2
V S S
I / O
S C L K
V D D
R E S T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com