Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 5 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 5 Page - SYC Electronica

  HT1380 Datasheet HTML 1Page - SYC Electronica HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 1.10
5
July 18, 2008
The following table shows the register address and its data format:
Register
Name
Range
Data
Register Definition
Address
A2~A0
Bit
R/W
Command
Byte
D7
D6
D5
D4
D3
D2
D1
D0
Seconds
00~59
CH
10 SEC
SEC
000
W
R
10000000
10000001
Minutes
00~59
0
10 MIN
MIN
001
W
R
10000010
10000011
Hours
01~12
00~23
12\
24
0
0
AP
10
HR
HR
HOUR
010
W
R
10000100
10000101
Date
01~31
0
0
10 DATE
DATE
011
W
R
10000110
10000111
Month
01~12
0
0
0
10M
MONTH
100
W
R
10001000
10001001
Day
01~07
0
0
0
0
DAY
101
W
R
10001010
10001011
Year
00~99
10 YEAR
YEAR
110
W
R
10001100
10001101
Write
Protect
00~80
WP
ALWAYS ZERO
111
W
R
10001110
10001111
CH:
WP:
Clock Halt bit
CH=0 oscillator enabled
CH=1 oscillator disabled
Write protect bit
WP=0 register data can be written in
WP=1 register data can not be written in
Bit 7 of Reg2:
Bit 5 of Reg2:
12/24 mode flag
bit 7=1, 12-hour mode
bit 7=0, 24-hour mode
AM/PM mode defined
AP=1 PM mode
AP=0 AM mode
R/W Signal
The LSB of the Command Byte determines whether the
data in the register be read or be written to.
When it is set as
²0² means that a write cycle is to take
place otherwise this chip will be set into the read mode.
A0~A2
A0 to A2 of the Command Byte is used to specify which
registers are to be accessed. There are eight registers
used to control the month data, etc., and each of these
registers have to be set as a write cycle in the initial time.
Burst Mode
When the Command Byte is 10111110 (or 10111111),
the HT1380/HT1381 is configured in burst mode. In this
mode the eight clock/calendar registers can be written
(or read) in series, starting with bit 0 of register address
0 (see the timing on the next page).
Test Mode
When the Command Byte is set as 1001xxx1,
HT1380/HT1381 is configured in test mode. The test
mode is used by Holtek only for testing purposes. If used
generally, unpredictable conditions may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com