Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 6 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 6 Page - SYC Electronica

Back Button HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica HT1380 Datasheet HTML 10Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Rev. 1.10
6
July 18, 2008
Write Protect Register
This register is used to prevent a write operation to any
other register. Data can be written into the designated
register only if the Write Protect signal (WP) is set to
logic 0. The Write Protect Register should be set first be-
fore restarting the system or before writing the new data
to the system, and it should set as logic 1 in the read cy-
cle. The Write Protect bit cannot be written to in the burst
mode.
Clock HALT Bit
D7 of the Seconds Register is defined as the Clock Halt
Flag (CH).
When this bit is set to logic 1, the clock oscillator is
stopped and the chip goes into a low-power standby
mode. When this bit is written to logic 0, the clock will
start.
12-hour/24-hour Mode
The D7 of the hour register is defined as the 12-hour or
24-hour mode select bit.
When this bit is in high level, the 12-hour mode is se-
lected otherwise it
¢s the 24-hour mode.
AM-PM Mode
These are two functions for the D5 of the hour register
determined by the value D7 of the same register.
One is used in AM/PM selection on the 12-hour mode.
When D5 is logic 1, it is PM, otherwise it
¢s AM. The other
is used to set the second 10-hour bit (20~23 hours) on
the 24-hour mode.
Reset and Serial Clock Control
The REST pin is used to allow access data to the shift
register like a toggle switch. When the REST pin is taken
high, the built-in control logic is turned on and the ad-
dress/command sequence can access the correspond-
ing shift register. The REST pin is also used to terminate
either single-byte or burst mode data format.
The input signal of SCLK is a sequence of a falling edge
followed by a rising edge and it is used to synchronize
the register data whether read or write. For data input,
the data must be read after the rising edge of SCLK. The
data on the I/O pin becomes output mode after the fall-
ing edge of the SCLK. All data transfer terminates if the
REST pin is low and the I/O pin goes to a high imped-
ance state. The data transfer is illustrated on the next
page.
Data Input and Data Out
In writing a data byte with HT1380/HT1381, the
read/write should first set as R/W=0 in the Command
Byte and follow with the corresponding data register on
the rising edge of the next eight SCLK cycles. Additional
SCLK cycles are ignored. Data inputs are entered start-
ing with bit 0.
In reading a data on the register of HT1380/HT1381,
R/W=1 should first be entered as input. The data bit out-
puts on the falling edge of the next eight SCLK cycles.
Note that the first data bit to be transmitted on the first
falling edge after the last bit of the read command byte is
written. Additional SCLK cycles re-transmits the data
bytes as long as REST remains at high level. Data out-
puts are read starting with bit 0.
Crystal Selection
A 32768Hz crystal can be directly connected to the
HT1380/HT1381 via pin 2 and pin 3 (X1, X2). In order to
obtain the correct frequency, two additional load capaci-
ties (C1, C2) are needed. The value of the capacity de-
pends on how accurate the crystal is. We suggest that
you can follow the table on the next page.
3 2 7 6 8 H z
X 1
C 1
C 2
X 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com