Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 4 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 4 Page - SYC Electronica

  HT1380 Datasheet HTML 1Page - SYC Electronica HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tr
Clock Rise and Fall
Time
2V
¾¾
2000
ns
tf
5V
¾¾
500
tCC
Reset to Clock Setup
2V
¾
4
¾
us
5V
¾
1
¾
tCCH
Clock to Reset Hold
2V
¾
240
¾
ns
5V
¾
60
¾
tCWH
Reset Inactive Time
2V
¾
4
¾
us
5V
¾
1
¾
tCDZ
Reset to I/O High Im-
pedance
2V
¾¾
280
ns
5V
¾¾
70
Rev. 1.10
4
July 18, 2008
Functional Description
The HT1380/HT1381 mainly contains the following in-
ternal elements: a data shift register array to store the
clock/calendar data, command control logic, oscillator
circuit and read timer clock. The clock is contained in
eight read/write registers as shown below. Data con-
tained in the clock register is in binary coded decimal
format.
Two modes are available for transferring the data be-
tween the microprocessor and the HT1380/HT1381.
One is in single-byte mode and the other is in multi-
ple-byte mode.
The HT1380/HT1381 also contains two additional bits,
the clock halt bit (CH) and the write protect bit (WP).
These bits control the operation of the oscillator and so
data can be written to the register array. These two bits
should first be specified in order to read from and write
to the register array properly.
Command Byte
For each data transfer, a Command Byte is initiated to
specify which register is accessed. This is to determine
whether a read, write, or test cycle is operated and
whether a single byte or burst mode transfer is to occur.
Refer to the table shown below and follow the steps to
write the data to the chip. First give a Command Byte of
HT1380/HT1381, and then write a data in the register.
This table illustrates the correlation between Command Byte and their bits:
Function Description
Command Byte
C7
C6
C5
C4
C3
C2
C1
C0
Select Read or Write Cycle
R/W
Specify the Register to be Accessed
A2
A1
A0
Clock Halt Flag
C
For IC Test Only
1001
x
x
x
1
Select Single Byte or Burst Mode
1011111
x
Note:
²x² stands for don¢t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com