Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 3 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 3 Page - SYC Electronica

  HT1380 Datasheet HTML 1Page - SYC Electronica HT1380 Datasheet HTML 2Page - SYC Electronica HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
Supply Voltage .........................................
-0.3V to 5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...............................0
°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2
¾
5.5
V
ISTB
Standby Current
2V
¾
¾¾
100
nA
5V
¾¾
100
nA
IDD
Operating Current
2V
No load
¾
0.7
1.0
mA
5V
¾
0.7
1.2
mA
IOH
Source Current
2V
VOH=1.8V
-0.2
-0.4
¾
mA
5V
VOH=4.5V
-0.5
-1.0
¾
mA
IOL
Sink Current
2V
VOL=0.2V
0.7
1.5
¾
mA
5V
VOL=0.5V
2.0
4.0
¾
mA
VIH
²H² Input Voltage
5V
¾
2
¾¾
V
VIL
²L² Input Voltage
5V
¾¾
¾
0.8
V
fOSC
System Frequency
5V
32768Hz X
¢TAL
¾
32768
¾
Hz
fSCLK
Serial Clock
2V
¾
¾¾
0.5
MHz
5V
¾¾
2
MHz
Note:
* ISTB is specified with SCLK, I/O, REST open. The clock halt bit must be set to logic 1 (oscillator disabled).
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tDC
Data to Clock Setup
2V
¾
200
¾¾
ns
5V
¾
50
¾¾
tCDH
Clock to Data Hold
2V
¾
280
¾¾
ns
5V
¾
70
¾¾
tCDD
Clock to Data Delay
2V
¾¾
¾
800
ns
5V
¾¾
¾
200
tCL
Clock Low Time
2V
¾
1000
¾¾
ns
5V
¾
250
¾¾
tCH
Clock High Time
2V
¾
1000
¾¾
ns
5V
¾
250
¾¾
fCLK
Clock Frequency
2V
¾¾
0.5
MHz
5V
¾
D.C.
2.0
Rev. 1.10
3
July 18, 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com