Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 7 Page - SYC Electronica

Part # HT1380
Description  HT1380
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

HT1380 Datasheet(HTML) 7 Page - SYC Electronica

Back Button HT1380 Datasheet HTML 3Page - SYC Electronica HT1380 Datasheet HTML 4Page - SYC Electronica HT1380 Datasheet HTML 5Page - SYC Electronica HT1380 Datasheet HTML 6Page - SYC Electronica HT1380 Datasheet HTML 7Page - SYC Electronica HT1380 Datasheet HTML 8Page - SYC Electronica HT1380 Datasheet HTML 9Page - SYC Electronica HT1380 Datasheet HTML 10Page - SYC Electronica HT1380 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
The following diagram shows the single and burst mode transfer:
· Single Byte Transfer
· Burst Mode Transfer
The table illustrates the values suggested for capacities C1, C2
Part No.
Crystal Error
Capacity Value
HT1380/HT1381
±10ppm
5pF
10~20ppm
8pF
Operating Flowchart
To initiate any transfer of data, REST is taken high and an 8-bit command byte is first loaded into the control logic to pro-
vide the register address and command information. Following the command word, the clock/calendar data is serially
transferred to or from the corresponding register. The REST pin must be taken low again after the transfer operation is
completed. All data enter on the rising edge of SCLK and outputs on the falling edge of SCLK. In total, 16 clock pulses
are needed for a single byte mode and 72 for burst mode. Both input and output data starts with bit 0.
In using the HT1380/HT1381, set first the WP and CH to 0 and wait for about 3 seconds, the oscillator will generate the
clocks for internal use. Then, choose either single mode or burst mode to input the data. The read or write operating
flowcharts are shown on the next page.
Rev. 1.10
7
July 18, 2008
R / W
A 0
A 1 A 2
0
0
1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
C o m m a n d B y t e
D a t a I / O
S C L K
I / O
R E S T
0
S C L K
I / O
0
1
D a t a B y t e 7
D a t a B y t e 0
R / W
0
1
2
3
4
5
6
7
1
1
1
1
1
0
7
0
7
R E S T
C o m m a n d B y t e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com