Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT1380
Description  Serial Timekeeper Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT1380 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HT1380/HT1381
5
October 2, 1999
The following table shows the register address and its data format:
Register
Name
Range
Data
Register Definition
Address
A2~A0
Bit
R/W
Command
Byte
D7 D6 D5 D4 D3 D2 D1 D0
Seconds
00~59
CH
10 SEC
SEC
000
W
R
10000000
10000001
Minutes
00~59
0
10 MIN
MIN
001
W
R
10000010
10000011
Hours
01~12
00~23
12\
24
0
0
AP
10
HR
HR
HOUR
010
W
R
10000100
10000101
Date
01~31
0
0 10 DATE
DATE
011
W
R
10000110
10000111
Month
01~12
0
0
0 10M
MONTH
100
W
R
10001000
10001001
Day
01~07
0
0
0
0
DAY
101
W
R
10001010
10001011
Year
00~99
10 YEAR
YEAR
110
W
R
10001100
10001101
Write
Protect
00~80
WP
ALWAYS ZERO
111
W
R
10001110
10001111
CH:
WP:
Clock Halt bit
CH=0 oscillator enabled
CH=1 oscillator disabled
Write protect bit
WP=0 register data can be written in
WP=1 register data can not be written in
Bit 7 of Reg2:
Bit 5 of Reg2:
12/24 mode flag
bit 7=1, 12-hour mode
bit 7=0, 24-hour mode
AM/PM mode defined
AP=1 PM mode
AP=0 AM mode
R/W signal
The LSB of the Command Byte determines
whether the data in the register be read or be
written to.
When it is set as ²0² means that a write cycle is
to take place otherwise this chip will be set into
the read mode.
A0~A2
A0 to A2 of the Command Byte is used to specify
which registers are to be accessed. There are
eight registers used to control the month data,
etc., and each of these registers have to be set as
a write cycle in the initial time.
Burst mode
When the Command Byte is 10111110 (or
10111111), the HT1380/HT1381 is configured in
burst mode. In this mode the eight clock/calen-
dar registers can be written (or read) in series,
starting with bit 0 of register address 0 (see the
timing on the next page).
Test mode
When the Command Byte is set as 1001xxx1,
HT1380/HT1381 is configured in test mode.
The test mode is used by Holtek only for testing
purposes. If used generally, unpredictable con-
ditions may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com