Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1380 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1380
Description  Serial Timekeeper Chip
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1380 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1380 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1380 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VDD
Conditions
tr
Clock Rise and Fall Time
2V
¾¾
2000
ns
tf
5V
¾¾
500
tCC
Reset to Clock Setup
2V
¾
4
¾
us
5V
¾
1
¾
tCCH
Clock to Reset Hold
2V
¾
240
¾
ns
5V
¾
60
¾
tCWH
Reset Inactive Time
2V
¾
4
¾
us
5V
¾
1
¾
tCDZ
Reset to I/O High Impedance
2V
¾¾
280
ns
5V
¾¾
70
HT1380/HT1381
4
October 2, 1999
Functional Description
The HT1380/HT1381 mainly contains the fol-
lowing internal elements: a data shift register
array to store the clock/calendar data, com-
mand control logic, oscillator circuit and read
timer clock. The clock is contained in eight
read/write registers as shown below. Data con-
tained in the clock register is in binary coded
decimal format.
Two modes are available for transferring the
data between the microprocessor and the
HT1380/HT1381. One is in single-byte mode ad
the other is in multiple-byte mode.
The HT1380/HT1381 also contains two addi-
tional bits, the clock halt bit (CH) and the write
protect bit (WP). These bits control the opera-
tion of the oscillator and so data can be written
to the register array. These two bits should first
be specified in order to read from and write to
the register array properly.
Command byte
For each data transfer, a Command Byte is initiated to specify which register is accessed. This is to
determine whether a read, write, or test cycle is operated and whether a single byte or burst mode
transfer is to occur. Refer to the table shown below and follow the steps to write the data to the chip.
First give a Command Byte of HT1380/HT1381, and then write a data in the register.
This table illustrates the correlation between Command Byte and their bits:
Command Byte
Function Description
C7
C6
C5
C4
C3
C2
C1
C0
Select Read or Write Cycle
R/W
Specify the Register to be Accessed
A2
A1
A0
Clock Halt Flag
C
For IC Test Only
1001
x
x
x
1
Select Single Byte or Burst Mode
1011111
x
Note: ²x² stands for don¢t care



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com