Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 23Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Application Circuits
Host controller with an HT1647 display system
*Note: The connection of IRQ and RD pin can be selected depending on the mC.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15kW± 20%.
It is recommended to select 1/5 bias to fit TN-type, STN-type LCDs and select 1/4 bias to fitm
ECB-type LCDs.
Adjust R (external pull high resistance) to fit user¢s time base clock.
HT1647
20
April 21, 2000
IR Q
DB 0 ~ DB 3
*
On- c h i p OS C
OSC I
OSC O
C l o ck Ou t
E x t e r n al C l o c k 1 ( 32k H z )
E x t e r n al C l o c k 2 ( 32k H z )
CS
RD
WR
m C
C r yst a l
3276 8H z
H T 1647
LC D P a ne l
BZ
BZ
C OM 0 ~ C OM 1 5
S E G 0 ~ S E G 6 3
Pi e z o
* 1 / 5 B i a s ( o r 1 / 4 B i as ) , 1 / 16 D u t y
R*
VR
*
VD D
VL C D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com