Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 23Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Instruction Set Summary
Name
Command Code
D/C
Function
Def.
READ
A8110-A7A6A5A4A3A2A1A0D3D2D1D0 D Read data from the RAM
WRITE
A8101-A7A6A5A4A3A2A1A0D3D2D1D0 D Write data to the RAM
READ-
MODIFY-
WRITE
A8101-A7A6A5A4A3A2A1A0D3D2D1D0 D Read and Write data to the RAM
SYS DIS
X100-0000-0000-XXXX
C Turn Off both system oscillator
and LCD bias generator
Yes
SYS EN
X100-0000-0001-XXXX
C Turn On system oscillator
LCD OFF
X100-0000-0010-XXXX
C Turn Off LCD display
Yes
LCD ON
X100-0000-0011-XXXX
C Turn On LCD display
TIMER DIS X100-0000-0100-XXXX
C Disable time base output
Yes
WDT DIS
X100-0000-0101-XXXX
C Disable WDT time-out flag output Yes
TIMER EN X100-0000-0110-XXXX
C Enable time base output
WDT EN
X100-0000-0111-XXXX
C Enable WDT time-out flag output
TONE OFF X100-0000-1000-XXXX
C Turn Off tone outputs
Yes
CLR
TIMER
X100-0000-1101-XXXX
C Clear the contents of the time base
generator
CLR WDT X100-0000-1111-XXXX
C Clear the contents of the WDT
stage
TONE 4K
X100-0001-0000-XXXX
C Turn on tone output, tone
frequency output: 4kHz
TONE 2K
X100-0001-0001-XXXX
C Turn on tone output, tone
frequency output: 2kHz
IRQ DIS
X100-0001-0010-XXXX
C Disable IRQ output
Yes
IRQ EN
X100-0001-0011-XXXX
C Enable IRQ output
RC 32K
X100-0001-0100-XXXX
C System clock source, on-chip RC
oscillator
Yes
EXT
(XTAL)
X100-0001-0101-XXXX
C
System clock source, external
32kHz clock source or crystal
oscillator 32.768kHz
LARGE
BIAS
X100-0001-0110-XXXX
C Large bias current option
Yes
MIDDLE
BIAS
X100-0001-0111-XXXX
C Middle bias current option
HT1647
21
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com