Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT1647 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 19Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 20Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 21Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 22Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 23Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 24Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Name
Command Code
D/C
Function
Def.
SMALL
BIAS
X100-0001-1000-XXXX
C Small bias current option
BIAS 1/5
X100-0001-1001-XXXX
C LCD 1/5 bias option
Yes
BIAS 1/4
X100-0001-1010-XXXX
C LCD 1/4 bias option
FRAME
170Hz
X100-0001-1100-XXXX
C
Select 170Hz frame frequency
and active segment signal width
can be divided 13 sections
FRAME
89Hz
X100-0001-1101-XXXX
C
Select 89Hz frame frequency
and active segment signal width
can be divided 24 sections
Yes
GRS
LEVEL1
X100-001 B4-B3 B2 B1 B0-XXXX
C Set PWM data in gray scale level 1
GRS
LEVEL2
X100-010 B4-B3 B2 B1 B0-XXXX
C Set PWM data in gray scale level 2
GRS
LEVEL3
X100-011 B4-B3 B2 B1 B0-XXXX
C Set PWM data in gray scale level 3
GRS
LEVEL4
X100-100 B4-B3 B2 B1 B0-XXXX
C Set PWM data in gray scale level 4
F1
X100-1010-0000-XXXX
C Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
X100-1010-0001-XXXX
C Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
X100-1010-0010-XXXX
C Time base clock output: 4Hz
The WDT time-out flag after: 1s
F8
X100-1010-0011-XXXX
C Time base clock output: 8Hz
The WDT time-out flag after: 1/2 s
F16
X100-1010-0100-XXXX
C Time base clock output: 16Hz
The WDT time-out flag after: 1/4 s
F32
X100-1010-0101-XXXX
C Time base clock output: 32Hz
The WDT time-out flag after: 1/8 s
F64
X100-1010-0110-XXXX
C Time base clock output: 64Hz
The WDT time-out flag after: 1/16 s
F128
X100-1010-0111-XXXX
C Time base clock output: 128Hz
The WDT time-out flag after: 1/32 s Yes
TEST
X100-1111-1111-XXXX
C Test mode, user don¢t use.
NORMAL X100-1111-1110-XXXX
C Normal mode
Yes
HT1647
22
April 21, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com