Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1647
Description  4-Level Gray Scale 64x16 LCD Controller for I/O C
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1647 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HT1647
4-Level Gray Scale 64´16 LCD Controller for I/O mC
1
April 21, 2000
Features
·
Operating voltage: 2.7V~5.2V
·
Built-in 32kHz RC oscillator
·
External 32.768kHz crystal oscillator or
32kHz frequency source input
·
Standby current < 1mAat3V,<2mAat5V
·
Internal resistor type: 1/5 bias or 1/4
bias, 1/16 duty
·
Two selectable LCD frame frequencies:
89Hz or 170Hz
·
Max. 64´16 patterns, 64 segments and 16
commons
·
Built-in bit-map display RAM: 2048 bits
(=64´16´2 bits)
·
Built-in internal resistor type bias generator
·
Six-wire interface (four data wires)
·
Eight kinds of time base/WDT selection
·
Time base or WDT overflow output
·
R/W address auto increment
·
Built-in buzzer driver (2kHz/4kHz)
·
Power down command reduces power
consumption
·
Software configuration feature
·
Data mode and Command mode
instructions
·
Three data accessing modes
·
Provides VLCD pin to adjust LCD operating
voltage
·
Provides three kinds of bias current
programming
·
Control of TN-type, STN-type LCDs and
ECB-type LCDs
·
Four-level gray scale output for TN-type,
STN-type LCDs panel
·
Four-color output for ECB-type LCDs panel
·
Available in 100-pin QFP and in chip form
General Description
HT1647 is a peripheral device specially de-
signed for I/O type mC used to expand the dis-
play capability. The max. display segment of
the device are 1024 patterns (64 segments and
16 commons). It also supports four data bits in-
terface, buzzer sound, Watchdog Timer or time
base timer functions. The HT1647 is a memory
mapping and multi-function LCD controller.
Since the HT1647 can control ECB-type (Elec-
trically Controlled Birefringence) LCDs in ad-
dition to current TN-type (Twisted Nematic) or
STN-type (Super Twisted Nematic) LCDs, it
can support 4-color display as well as 4-level
gray scale display. It displays 4-level gray scale
output when HT1647 drives TN-type,
STN-type LCDs. It displays four color output
when HT1647 drives ECB-type. HT1647 uses
PWM (Pulse Width Modulation) technique. The
software configuration feature of the HT1647
make it suitable for multiple LCD applications
including LCD modules and display subsys-
tems. Only six lines (CS,WR, DB0~DB3) are
required for the interface between the host con-
troller and the HT1647. The HT164X series
have many kinds of products that match vari-
ous applications.
Applications
·
Toys
·
Games
·
Personal digital assistant
·
Cellular phone
·
Global positioning system
·
Consumer electronics


Similar Part No. - HT1647

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1647 HOLTEK-HT1647 Datasheet
188Kb / 17P
4-Level Gray Scale 64x16 LCD Controller for I/O MCU
November 10, 2005
HT1647 HOLTEK-HT1647 Datasheet
175Kb / 17P
4-Level Gray Scale 6416 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A Datasheet
159Kb / 19P
6416 LCD Controller for I/O MCU
June 22, 2009
HT1647A HOLTEK-HT1647A Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results

Similar Description - HT1647

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1620 HOLTEK-HT1620 Datasheet
180Kb / 17P
RAM Mapping 32x4 LCD Controller for I/O C
July 26, 1999
HT1621 HOLTEK-HT1621 Datasheet
167Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O C
April 21, 2000
HT16220 HOLTEK-HT16220 Datasheet
148Kb / 17P
RAM Mapping 32x8 LCD Controller for I/O C
April 21, 2000
HT1626 HOLTEK-HT1626 Datasheet
152Kb / 17P
RAM Mapping 48x16 LCD Controller for I/O C
April 21, 2000
HT1627 HOLTEK-HT1627 Datasheet
151Kb / 17P
RAM Mapping 64x16 LCD Controller for I/O C
April 21, 2000
HT1647 HOLTEK-HT1647_05 Datasheet
188Kb / 17P
4-Level Gray Scale 64x16 LCD Controller for I/O MCU
November 10, 2005
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
Holtek Semiconductor In...
HT1647 HOLTEK-HT1647_10 Datasheet
175Kb / 17P
4-Level Gray Scale 6416 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com