Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT47C20L Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
HT47C20L
8-Bit Microcontroller
1
January 18, 2000
Features
·
Operating voltage: 1.2V~2.2V
·
Eight bidirectional I/O lines
·
Four input lines
·
One interrupt input
·
One 16-bit programmable timer/event
counter with PFD (programmable
frequency divider) function
·
On-chip 32768Hz crystal oscillator
·
Watchdog timer
·
2K ´ 16 program memory ROM
·
64 ´ 8 data memory RAM
·
One real time clock (RTC)
·
One 8-bit prescaler for real time clock
·
One buzzer output
·
One low voltage detector
·
One low voltage reset circuit
·
Halt function and wake-up feature reduce
power consumption
·
LCD bias C type
·
One LCD driver with 20 ´ 2or20 ´ 3or19 ´ 4
segments
·
Two channels RC type A/D converter
·
Four-level subroutine nesting
·
Bit manipulation instruction
·
16-bit table read instruction
·
Up to 122ms instruction cycle with 32768Hz
system clock
·
All instructions in one or two machine cycles
·
63 powerful instructions
General Description
The HT47C20L is an 8-bit high performance
RISC-like microcontroller. Its single cycle in-
struction and two-stage pipeline architecture
make high speed applications. The device is
suited for use in multiple LCD low power appli-
cations among which are calculators, clock tim-
ers, games, scales, toys, thermometers,
hygrometers, body thermometers, capacitor
scaler, other hand held LCD products, and bat-
tery system in particular.


Similar Part No. - HT47C20L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT47C20L HOLTEK-HT47C20L_05 Datasheet
357Kb / 45P
R-F Type Low Voltage 8-Bit Mask MCU
December 2, 2005
More results

Similar Description - HT47C20L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CH41UG TOSHIBA-TMP88CH41UG Datasheet
1Mb / 186P
8 Bit Microcontroller
TMP88CS43FG TOSHIBA-TMP88CS43FG Datasheet
2Mb / 218P
8 Bit Microcontroller
TMP86P202PG TOSHIBA-TMP86P202PG Datasheet
1Mb / 108P
8 Bit Microcontroller
TMP86FS49BUG TOSHIBA-TMP86FS49BUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86CH47IUG TOSHIBA-TMP86CH47IUG Datasheet
1Mb / 160P
8 Bit Microcontroller
TMP86CM23AUG TOSHIBA-TMP86CM23AUG Datasheet
2Mb / 204P
8 Bit Microcontroller
TMP86CS44UG TOSHIBA-TMP86CS44UG Datasheet
1Mb / 172P
8 Bit Microcontroller
TMP86CS49UG TOSHIBA-TMP86CS49UG Datasheet
2Mb / 252P
8 Bit Microcontroller
TMP86FH46ANG TOSHIBA-TMP86FH46ANG Datasheet
2Mb / 214P
8 Bit Microcontroller
TMP86FS23UG TOSHIBA-TMP86FS23UG Datasheet
1Mb / 252P
8 Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com