Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20L Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 29Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 30Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 31Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 32Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 33Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 34Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 35Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 36Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
HT47C20L
33
January 18, 2000
Register Bit No. Label Read/Write Reset
Function
RTCC
(09H)
0
1
2
RT0
RT1
RT2
R/W
1
1
1
8 to 1 multiplexer control inputs to select the
real time clock prescaler output
3
BON
R/W
0
Voltage low detector enable/disable control bit
²0² indicates voltage detector is disabled
²1² indicates voltage detector is enabled
4
¾¾
¾
Undefined bit, read as ²unknown²
5
BLF
R
X
Battery low flag
²0² indicates that the voltage is not low
²1² indicates that the voltage is low
6, 7
¾¾
¾
Unused bits, read as ²0²
RTCC Register
Note: ²X² means ²invalid²
Voltage low detector
The HT47C20L provides a voltage low detector
for battery system application. If the battery
voltage is lower than the specified value, the
battery low flag (BLF; bit 5 of RTCC) is set. The
specified value is 1.2V±0.1V. The voltage low
detector circuit can be turn On or Off by writing
a ²1² or a ²0² to BON (bit 3 of RTCC register). A
delay time of 1ms is required to monitor the
BLF after setting the BON bit. The BLF is in-
valid when the BON is cleared as ²0². The volt-
age low detector can be disabled by mask
option.
Buzzer
HT47C20L provides a pair of buzzer output BZ
and BZ, which share pins with PA0 and PA1 re-
spectively, determined by mask option. Its out-
put frequency can also be selected by mask
option.
When the buzzer function is selected, setting
PA.0 and PA.1 ²0² simultaneously will enable
the buzzer output and setting PA.0 ²1² will dis-
able the buzzer output and setting PA.0 ²0² and
PA.1 ²1² will only enable the BZ output and dis-
able the BZ output.
PA1
PA0
Function
0
(CLR PA.1)
0
(CLR PA.0)
PA0= BZ
PA1= BZ
1
(SET PA.1)
0
(CLR PA.0)
PA0= BZ
PA1= 0
X
1
(SET PA.0)
PA0= 0
PA1= 0
Buzzer enable
Programmable frequency divider - PFD
The PFD output shares pin with PA3 as deter-
mined by mask option.
When the PFD option is selected, setting PA3
²0² will enable the PFD output and setting PA3
²1² will disable the PFD output and PA3 output
at low level.
PA3
Function
0 (CLR PA.3)
PA3= PFD Output
1 (SET PA.3)
PA3= 0
PFD output frequency=
1
2
1
timer overflow period
´



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com