Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20L Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 45Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 46Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 47Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 48Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 49Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 50Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 51Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 52Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
SBC A,[m]
Subtract data memory and carry from accumulator
Description
The contents of the specified data memory and the complement of the
carry flag are together subtracted from the accumulator, leaving the re-
sult in the accumulator.
Operation
ACC ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
ÖÖÖÖ
SBCM A,[m]
Subtract data memory and carry from accumulator
Description
The contents of the specified data memory and the complement of the
carry flag are together subtracted from the accumulator, leaving the re-
sult in the data memory.
Operation
[m] ¬ ACC+[m]+C
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾¾
¾
c
ÖÖÖÖ
SDZ [m]
Skip if decrement data memory is zero
Description
The contents of the specified data memory are decremented by one. If the
result is zero, the next instruction is skipped. If the result is zero, the fol-
lowing instruction, fetched during the current instruction execution, is
discarded and a dummy cycle replaced to get the proper instruction. This
makes a 2-cycle instruction. Otherwise proceed with the next instruc-
tion.
Operation
Skip if ([m]-1)=0, [m] ¬ ([m]-1)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT47C20L
49
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com