Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C20L Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT47C20L Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Pin Description
Pin Name
I/O
Mask
Option
Function
RES
I
¾
Schmitt trigger reset input. Active low.
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4~PA7
I/O
Wake-up
Pull-high
or None
CMOS or
NMOS
Bidirectional 8-bit input/output port. The low nibble of the PA
can be configured as CMOS output or NMOS output with or
without pull-high resistors (mask option). NMOS output can be
configured as schmitt trigger input with or without pull-high
resistors. Each bit of NMOS output can be configured as wake
up input by mask option. Of the eight bits, PA0~PA1 can be set
as I/O pins or buzzer outputs by mask option. PA3 can be set as
an I/O pin or a PFD output by mask option.
PB0/INT
PB1
PB2/TMR
PB3
I
¾
Four-bit schmitt trigger input port. The PB is configured as
with pull-high resistors. Of the four bits, PB0 can be set as an
input pin or an external interrupt input pin (INT) by software
application. While PB2 can be set as an input pin or a
timer/event counter input pin by software application.
VSS
¾¾
Negative power supply, GND
V1~V3, C1~C2 ¾¾
Voltage pump
SEG19/COM3
COM2~COM0
O
1/2 or 1/3
or 1/4
Duty
SEG19/COM3 can be set as a segment or a common output
driver for LCD panel by mask option. COM2~COM0 are out-
puts for LCD panel plate.
SEG18~SEG0
O
¾
LCD driver outputs for LCD panel segments
VDD
¾¾
Positive power supply
OSC2
OSC1
O
I
¾
OSC1 and OSC2 are connected to a 32768Hz crystal for the in-
ternal system clock and WDT source.
IN0
CS0
RS0
CRT0
RT0
I
O
O
O
O
¾
Oscillation input pin of channel 0
Reference capacitor connection pin of channel 0
Reference resistor connection pin of channel 0
Resistor/capacitor sensor connection pin for measurement of
channel 0
Resistor sensor connection pin for measurement of channel 0
IN1
CS1
RS1
RT1
I
O
O
O
¾
Oscillation input pin of channel 1
Reference capacitor connection pin of channel 1
Reference resistor connection pin of channel 1
Resistor sensor connection pin for measurement of channel 1
TEST
I
¾
TEST mode input pin with pull-high resistor.
It disconnects in normal operation.
HT47C20L
5
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com